Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24018DRCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24018DRCT
Description  Single-Chip, Li-Ion Charge Management IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24018DRCT Datasheet(HTML) 3 Page - Texas Instruments

  BQ24018DRCT Datasheet HTML 1Page - Texas Instruments BQ24018DRCT Datasheet HTML 2Page - Texas Instruments BQ24018DRCT Datasheet HTML 3Page - Texas Instruments BQ24018DRCT Datasheet HTML 4Page - Texas Instruments BQ24018DRCT Datasheet HTML 5Page - Texas Instruments BQ24018DRCT Datasheet HTML 6Page - Texas Instruments BQ24018DRCT Datasheet HTML 7Page - Texas Instruments BQ24018DRCT Datasheet HTML 8Page - Texas Instruments BQ24018DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
(
)
SET
PRECHG
SET
O(PRECHG)
K
x V
(
)
(
)
I
=
R(
)
æ
ö
ç
÷
m
ç
÷
è
ø
ISET
ISET
ISET
O(OUT)
V(
)
I
= K
+ 10 A
(
) x
R(
)
(
)
SET
SET
SET
O(OUT)
K
x V
(
)
(
)
I
=
R(
)
(1)
(4)
bq24010, bq24012
bq24013, bq24014, bq24018
www.ti.com
SLUS530K – SEPTEMBER 2002 – REVISED JANUARY 2014
ELECTRICAL CHARACTERISTICS (continued)
over 0°C
≤ TJ ≤ 125°C and recommended supply voltage, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C
–0.5%
0.5%
Voltage regulation accuracy
–1%
1%
V(DO)
Dropout voltage (V(IN) – V(OUT))
VO(REG) + V(DO–MAX)) ≤ VCC, IO(OUT) = 1A
650
790
mV
CURRENT REGULATION
VCC ≥ 4.5 V, VIN ≥ 4.5 V, VI(BAT) > V(LOWV),
100
1000
VIN – VI(BAT) > V(DO–MAX)
IO(OUT)
(1)
Output current range
mA
See note (2)
25
100
bq24010,
bq24012,
Voltage on ISET pin, VCC ≥ 4.5 V,
2.45
2.50
2.55
V
bq24013,
V(SET)
Output current set voltage
VIN ≥ 4.5 V, VI(BAT) > V(LOWV),
bq24014
VIN – VI(BAT) > V(DO–MAX), VO(REG) = 4.2 V
bq24018
2.548
2.6
2.652
V
50 mA
≤ IO(OUT) ≤ 1000 mA, V(LOWV) < V(OUT) < V(RCH)
315
335
355
25 mA
≤ IO(OUT) < 50 mA, V(LOWV) < V(OUT) < V(RCH)
315
372
430
K(SET)
Output current ISET factor
10 mA
≤ IO(OUT) < 100 mA, V(OUT) < V(LOWV)
350
1000
2.5 mA
≤ IO(OUT) < 10 mA, V(OUT) < V(LOWV)
450
2.5 mA
≤ IO(OUT) < I(PGM), V(OUT) < V(RCH)
355(3)
PRE-CHARGE AND SHORT-CIRCUIT CURRENT REGULATION
Pre-charge to fast-charge transition
V(LOWV)
Voltage on BAT pin
2.80
2.95
3.10
V
threshold
Pre-charge to short-charge transition
V(SC)
Voltage on BAT pin
1
1.4
1.8
V
threshold
IO(PRECHG)
(4)
Pre-charge range
V(SC) < VI(BAT) < V(LOWV), t < t(PRECHG)
10
100
mV
V(PRECHG)
Pre-charge set voltage
Voltage on ISET pin, V(SC) < VI(BAT) < V(LOWV)
225
250
280
mV
ISC
Short circuit current
V(SC) > VI(BAT)
660
900
1200
μA
(2)
Specified by design. Not production tested.
(3)
The ISET pin may be used as a current monitor during voltage regulation by applying the following equation:
This equation is also used for calculating the termination point.
Copyright © 2002–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq24010, bq24012 bq24013, bq24014, bq24018


Similar Part No. - BQ24018DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24018DRCT TI-BQ24018DRCT Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
More results

Similar Description - BQ24018DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24010 TI-BQ24010_07 Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com