Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7864 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7864
Description  500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7864 Datasheet(HTML) 2 Page - Texas Instruments

  ADS7864 Datasheet HTML 1Page - Texas Instruments ADS7864 Datasheet HTML 2Page - Texas Instruments ADS7864 Datasheet HTML 3Page - Texas Instruments ADS7864 Datasheet HTML 4Page - Texas Instruments ADS7864 Datasheet HTML 5Page - Texas Instruments ADS7864 Datasheet HTML 6Page - Texas Instruments ADS7864 Datasheet HTML 7Page - Texas Instruments ADS7864 Datasheet HTML 8Page - Texas Instruments ADS7864 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ADS7864
SBAS141A – SEPTEMBER 2000 – REVISED MARCH 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
MINIMUM
MAXIMUM
SPECIFIED
PACKAGE-
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
RELATIVE
GAIN
TEMPERATURE
LEAD
DESIGNATOR
NUMBER
QUANTITY
ACCURACY (LSB)
ERROR (%)
RANGE
ADS7864Y
Tape and Reel, 250
ADS7864Y
±2
±0.75
TQFP-48
PFB
–40°C to +85°C
ADS7864Y
Tape and Reel, 2000
ADS7864YB
Tape and Reel, 250
ADS7864YB
±1
±0.5
TQFP-48
PFB
–40°C to +85°C
ADS7864YB
Tape and Reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
ADS7864
UNIT
Analog Inputs to AGND: Any Channel Input
–0.3 to (+VD + 0.3)
V
Analog Inputs to AGND: REFIN
–0.3 to (+VD + 0.3)
V
Digital Inputs to DGND
–0.3 to (+VD + 0.3)
V
Ground Voltage Differences: AGND, DGND
±0.3
V
Ground Voltage Differences: +VD to AGND
–0.3 to +6
V
Power Supply Difference: +VA, +VD
±0.3
V
Power Dissipation
325
mW
Maximum Junction Temperature
+150
°C
Operating Temperature Range
–40 to +85
°C
Storage Temperature Range
–65 to +150
°C
Lead Temperature (soldering, 10s)
+300
°C
2


Similar Part No. - ADS7864

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7864 BURR-BROWN-ADS7864 Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7864 TI1-ADS7864 Datasheet
995Kb / 28P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7864Y BURR-BROWN-ADS7864Y Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7864Y/250 BURR-BROWN-ADS7864Y/250 Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7864Y/2K BURR-BROWN-ADS7864Y/2K Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7864

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7864 BURR-BROWN-ADS7864 Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7864 TI1-ADS7864_14 Datasheet
995Kb / 28P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
THS1209 TI1-THS1209 Datasheet
318Kb / 33P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com