Electronic Components Datasheet Search |
|
ADS7950-Q1 Datasheet(PDF) 10 Page - Texas Instruments |
|
|
ADS7950-Q1 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 52 page ADS7950-Q1, ADS7951-Q1, ADS7952-Q1, ADS7953-Q1, ADS7954-Q1 ADS7956-Q1, ADS7957-Q1, ADS7958-Q1, ADS7959-Q1, ADS7960-Q1, ADS7961-Q1 SBAS652A – MAY 2014 – REVISED AUGUST 2014 www.ti.com Electrical Characteristics: ADS7958-Q1, ADS7959-Q1, ADS7960-Q1, ADS7961-Q1 (continued) V(+VA) = 2.7 V to 5.25 V, V(+VBD) = 1.7 V to V(+VA), Vref = 2.5 V ± 0.1 V, TA = –40°C to 125°C, ƒsample = 1 MHz (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT DYNAMIC CHARACTERISTICS THD Total harmonic distortion(4) 100 kHz –75 dB SNR Signal-to-noise ratio 100 kHz 49 dB SINAD Signal-to-noise + distortion 100 kHz 49 dB SFDR Spurious-free dynamic range 100 kHz –78 dB Full-power bandwidth At –3 dB 47 MHz Any off-channel with 100 kHz. Full-scale input to channel being –95 dB sampled with dc input. Channel-to-channel crosstalk From previously sampled to channel with 100 kHz. Full-scale input –85 dB to channel being sampled with dc input. EXTERNAL REFERENCE INPUT Vref reference voltage at REFP 2 2.5 3 V Reference resistance 100 k Ω ALARM SETTING Higher threshold range 000 FF Hex Lower threshold range 000 FF Hex DIGITAL INPUT/OUTPUT (CMOS Logic Family) VIH High logic-level input voltage 0.7 × V V(+VBD) V(+VBD) = 5 V 0.8 V VIL Low logic-level input voltage V(+VBD) = 3 V 0.4 V VOH At source current (IS) = 200 μA V(+VBD) – High logic-level output voltage V 0.2 VOL Low logic-level output voltage At Isink = 200 μA 0.4 V Data format MSB first POWER SUPPLY REQUIREMENTS V(+VA) Analog power-supply voltage 2.7 3.3 5.25 V V(+VBD) Digital I/O-supply voltage 1.7 3.3 V(+VA) V At V(+VA) = 2.7 V to 3.6 V and 1-MHz throughput 1.8 mA At V(+VA) = 2.7 V to 3.6 V static state 1.05 mA I(+VA) Supply current (normal mode) At V(+VA) = 4.7 V to 5.25 V and 1-MHz throughput 2.3 3 mA At V(+VA) = 4.7 V to 5.25 V static state 1.1 1.5 mA Power-down state supply current 1 μA I(+VBD) Digital I/O-supply current V(+VA) = 5.25 V, ƒsample = 1 MHz 1 mA Power-up time 1 μs Invalid conversions after power up or 1 cycle reset Latch-up JESD78 class I TEMPERATURE RANGE Specified performance –40 125 °C (4) Calculated on the first nine harmonics of the input frequency. 10 Submit Documentation Feedback Copyright © 2014, Texas Instruments Incorporated Product Folder Links: ADS7950-Q1 ADS7951-Q1 ADS7952-Q1 ADS7953-Q1 ADS7954-Q1 ADS7956-Q1 ADS7957- Q1 ADS7958-Q1 ADS7959-Q1 ADS7960-Q1 ADS7961-Q1 |
Similar Part No. - ADS7950-Q1 |
|
Similar Description - ADS7950-Q1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |