Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7891IPFBTG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS7891IPFBTG4
Description  14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7891IPFBTG4 Datasheet(HTML) 5 Page - Texas Instruments

  ADS7891IPFBTG4 Datasheet HTML 1Page - Texas Instruments ADS7891IPFBTG4 Datasheet HTML 2Page - Texas Instruments ADS7891IPFBTG4 Datasheet HTML 3Page - Texas Instruments ADS7891IPFBTG4 Datasheet HTML 4Page - Texas Instruments ADS7891IPFBTG4 Datasheet HTML 5Page - Texas Instruments ADS7891IPFBTG4 Datasheet HTML 6Page - Texas Instruments ADS7891IPFBTG4 Datasheet HTML 7Page - Texas Instruments ADS7891IPFBTG4 Datasheet HTML 8Page - Texas Instruments ADS7891IPFBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ADS7891
SLAS410 − DECEMBER 2003
www.ti.com
5
TIMING REQUIREMENTS
All specifications typical at −40
°C to 85°C, +VA = +5 V, +VBD = +5 V (see Notes 1, 2, 3, and 4)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
REF FIG.
Conversion time
t(conv)
255
273
ns
5
Acquisition time
t(acq)
60
78
ns
5
SAMPLING AND CONVERSION START
Hold time CS low to CONVST high (with BUSY high)
th1
10
ns
3
Delay CONVST high to acquisition start
td1
2
4
5
ns
1
Hold time, CONVST high to CS high with BUSY low
th2
10
ns
1
Hold time, CONVST low to CS high
th3
10
ns
1
Delay CONVST low to BUSY high
td2
40
ns
1
CS width for acquisition or conversion to start
tw3
20
ns
2
Delay CS low to acquisition start with CONVST high
td3
2
4
5
ns
2
Pulse width, from CS low to CONVST low for acquisition to start
tw1
20
ns
2
Delay CS low to BUSY high with CONVST low
td4
40
ns
2
Quiet sampling time(3)
25
ns
CONVERSION ABORT
Setup time CONVST high to CS low with BUSY high
tsu1
15
ns
4
Delay time CS low to BUSY low with CONVST high
td5
20
ns
4
DATA READ
Delay RD low to data valid with CS low
td6
25
ns
5
Delay BYTE high to LSB word valid with CS and RD low
td7
25
ns
5
Delay time RD high to data 3-state with CS low
td9
25
ns
5
Delay time end of conversion to BUSY low
td11
20
ns
5
Quiet sampling time RD high to CONVST low
t1
25
ns
5
Delay CS low to data valid with RD low
td8
25
ns
6
Delay CS high to data 3-state with RD low
td10
25
ns
6
Quiet sampling time CS low to CONVST low
t2
25
ns
6
BACK-TO-BACK CONVERSION
Delay BUSY low to data valid
td12
10
ns
7, 8
Pulse width, CONVST high
tw4
70
ns
7, 8
Pulse width, CONVST low
tw5
20
ns
7
POWER DOWN/RESET
Pulse width, low for PWD/RST to reset the device
tw6
45
6140
ns
12
Pulse width, low for PWD/RST to power down the device
tw7
7200
ns
11
Delay time, power up after PWD/RST is high
td13
25
ms
11
(1) All input signals are specified with tr = tf = 5 ns (10% to 90% of +VBD) and timed from a voltage level of (VIL + VIH)/2.
(2) See timing diagram.
(3) Quiet period before conversion start, no data bus activity including data bus 3-state is allowed in this period.
(4) All timings are measured with 20 pF equivalent loads with 5 V +VBD and 10-pF equivalent loads with 3 V +VBD on all data bits and BUSY pin.


Similar Part No. - ADS7891IPFBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7891IPFBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com