Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8422IBPFBR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8422IBPFBR
Description  16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8422IBPFBR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS8422IBPFBR Datasheet HTML 6Page - Texas Instruments ADS8422IBPFBR Datasheet HTML 7Page - Texas Instruments ADS8422IBPFBR Datasheet HTML 8Page - Texas Instruments ADS8422IBPFBR Datasheet HTML 9Page - Texas Instruments ADS8422IBPFBR Datasheet HTML 10Page - Texas Instruments ADS8422IBPFBR Datasheet HTML 11Page - Texas Instruments ADS8422IBPFBR Datasheet HTML 12Page - Texas Instruments ADS8422IBPFBR Datasheet HTML 13Page - Texas Instruments ADS8422IBPFBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
4000
3000
2000
1000
0
Throughput-KSPS
9
9.5
10
10.5
11
11.5
12
+VA =5V,+VAREG=3V,
+VBD=3V,REFIN=4.096V,
Devicenotpowereddownbetween
conversions
120
130
140
150
160
170
180
0
1000
2000
3000
4000
Throughput-KSPS
+VA =5V,+VAREG=3V,
+VBD=3V,REFIN=4.096V,
Devicenotpowereddown
betweenconversions
21
21.5
22
22.5
23
23.5
24
24.5
25
4000
3000
2000
1000
0
Throughput-KSPS
+VA =5V,+VAREG=3V,
+VBD=3V,REFIN=4.096V,
Devicenotpowereddownbetween
conversions
-2
-1
0
1
2
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature- C
A
º
Max
Min
+VA =5V,+VAREG=3V,
+VBD=3V,REFIN=4.096V
50
55
60
65
70
75
80
85
1
10
100
1000
10000
f-Frequency-kHz
+VA =5V,+VAREG=3V,
+VBD=3V,REFIN=4.096V
-1
-0.50
0
0.50
1
1.50
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature- C
A
º
Min
Max
+VA =5V,+VAREG=3V,
+VBD=3V,REFIN=4.096V
-1
-0.5
0
0.5
1
1.5
0
16384
32768
49152
65536
Code
+VA =5V,+VAREG=3V,+VBD=3V,REFIN=4.096V
ADS8422
SLAS512B – JUNE 2006 – REVISED DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
POWER DISSIPATION
+VAREG CURRENT
+VA CURRENT
vs
vs
vs
THROUGHPUT
THROUGHPUT
THROUGHPUT
Figure 13.
Figure 14.
Figure 15.
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
COMMON-MODE REJECTION RATIO
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
DNL
Figure 19.
10
Submit Documentation Feedback


Similar Part No. - ADS8422IBPFBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8422IBPFBR BURR-BROWN-ADS8422IBPFBR Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422IBPFBR TI1-ADS8422IBPFBR Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
More results

Similar Description - ADS8422IBPFBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
logo
Burr-Brown (TI)
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
853Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com