Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8422IBPFBTG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8422IBPFBTG4
Description  16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8422IBPFBTG4 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8422IBPFBTG4 Datasheet HTML 1Page - Texas Instruments ADS8422IBPFBTG4 Datasheet HTML 2Page - Texas Instruments ADS8422IBPFBTG4 Datasheet HTML 3Page - Texas Instruments ADS8422IBPFBTG4 Datasheet HTML 4Page - Texas Instruments ADS8422IBPFBTG4 Datasheet HTML 5Page - Texas Instruments ADS8422IBPFBTG4 Datasheet HTML 6Page - Texas Instruments ADS8422IBPFBTG4 Datasheet HTML 7Page - Texas Instruments ADS8422IBPFBTG4 Datasheet HTML 8Page - Texas Instruments ADS8422IBPFBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
SPECIFICATIONS (Continued)
ADS8422
SLAS512B – JUNE 2006 – REVISED DECEMBER 2006
T
A = –40°C to 85°C, +VA = 5 V, +VAREG = 5.25 V to 3 V, +VBD = 5 V to 2.7 V, fSAMPLE = 4 MSPS, Vref = 4.096 V (measured
with internal reference buffer) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC CHARACTERISTICS
10 kHz
–114
Total harmonic distortion (THD)(1)
VIN = 8 Vpp
100 kHz
–102
dB
500 kHz
–100
10 kHz
93
Signal to noise ratio (SNR)
VIN = 8 Vpp
100 kHz
92
dB
500 kHz
90
10 kHz
92.5
Signal to noise + distortion (SINAD)
VIN = 8 Vpp
100 kHz
91.5
dB
500 kHz
89.5
10 kHz
116
Spurious free dynamic range (SFDR)
VIN = 8 Vpp
100 kHz
109
dB
500 kHz
106
–3dB Small signal bandwidth
30
MHz
Maximum input frequency, fi(max)(2)
VIN = 8 Vpp
2
MHz
VOLTAGE REFERENCE INPUT
Reference voltage at REFIN, Vref
3.9
4.096
4.15
V
Reference resistance
1000
M
INTERNAL REFERENCE OUTPUT
Internal reference start-up time
From 95% (+VA), with 1-
µF capacitor on REFOUT
25
ms
Reference voltage range, Vref
IO = 0, TA = 25°C
4.088
4.096
4.104
V
Source current
Static load
10
µA
Line regulation
+VA = 4.75 V to 5.25 V
±1
mV
Drift
IO = 0
±6
PPM/
°C
ANALOG COMMON-MODE, PIN 3
Output voltage range
IO = 0
VREF/2 - 0.016
VREF/2
VREF/2 + 0.016
V
Source current
Static load
200
µA
(1)
Calculated on the first nine harmonics of the input frequency.
(2)
ADC Sampling circuit is optimized to accept inputs until Nyquist frequency. Dynamic performance may degrade rapidly above fi(max).
4
Submit Documentation Feedback


Similar Part No. - ADS8422IBPFBTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8422IBPFBT BURR-BROWN-ADS8422IBPFBT Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422IBPFBT TI1-ADS8422IBPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
More results

Similar Description - ADS8422IBPFBTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
logo
Burr-Brown (TI)
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
853Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com