Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8509HDB Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS8509HDB
Description  16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8509HDB Datasheet(HTML) 1 Page - Texas Instruments

  ADS8509HDB Datasheet HTML 1Page - Texas Instruments ADS8509HDB Datasheet HTML 2Page - Texas Instruments ADS8509HDB Datasheet HTML 3Page - Texas Instruments ADS8509HDB Datasheet HTML 4Page - Texas Instruments ADS8509HDB Datasheet HTML 5Page - Texas Instruments ADS8509HDB Datasheet HTML 6Page - Texas Instruments ADS8509HDB Datasheet HTML 7Page - Texas Instruments ADS8509HDB Datasheet HTML 8Page - Texas Instruments ADS8509HDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ADS8509-HT
www.ti.com
SLAS737A – DECEMBER 2012 – REVISED DECEMBER 2013
16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Check for Samples: ADS8509-HT
1
FEATURES
250-kHz Sampling Rate
SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
4-V, 5-V, 10-V, ±3.33-V, ±5-V, and ±10-V Input
Ranges
Controlled Baseline
±4.5 LSB Max INL (at 175°C)
One Assembly and Test Site
±2.2 LSB Max DNL (at 175°C), 16-Bit No
One Fabrication Site
Missing Codes
Available in Extreme (–40°C to 175°C)
SPI Compatible Serial Output with Daisy-Chain
Temperature Range (1)
(TAG) Feature
This Device is Qualified for 1000 Hours of
Single 5-V Supply
Continuous Operation at Maximum Rated
Temperature
Pin-Compatible with ADS7809 (Low Speed)
and 12-Bit ADS8508/7808
Extended Product Life Cycle
Uses Internal or External Reference
Extended Product-Change Notification
87-mW Typ Power Dissipation at 250 KSPS to
Product Traceability
5 V, While the Innovative Design Allows
Texas Instruments high temperature products
Operation
utilize highly optimized silicon (die) solutions
28-Pin SSOP Package
with design and process enhancements to
maximize performance over extended
Simple DSP Interface
temperatures.
APPLICATIONS
Down-hole Drilling
High Temperature Environments
(1)
Custom temperature ranges available
DESCRIPTION
The ADS8509 is a complete 16-bit sampling analog-to-digital (A/D) converter using state-of-the-art CMOS
structures. It contains a complete 16-bit, capacitor-based, successive approximation register (SAR) A/D converter
with sample-and-hold, reference, clock, and a serial data interface. Data can be output using the internal clock or
can be synchronized to an external data clock. The ADS8509 also provides an output synchronization pulse for
ease of use with standard DSP processors.
The ADS8509 is specified at a 250-kHz sampling rate over the full temperature range. Precision resistors provide
various input ranges including ±10 V and 0 V to 5 V, while the innovative design allows operation from a single 5-
V supply with power dissipation under 110 mW.
The ADS8509 is available in a 28-pin SSOP package and is fully specified for operation from -40°C to 175°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS8509HDB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8509 TI1-ADS8509 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509IBDB BURR-BROWN-ADS8509IBDB Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8509IBDB TI1-ADS8509IBDB Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509IBDBG4 TI1-ADS8509IBDBG4 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8509HDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com