Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWU2332JC9 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ECWU2332JC9
Description  Stacked Metallized PEN Film Chip Capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWU2332JC9 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ECWU2332JC9 Datasheet HTML 4Page - Panasonic Semiconductor ECWU2332JC9 Datasheet HTML 5Page - Panasonic Semiconductor ECWU2332JC9 Datasheet HTML 6Page - Panasonic Semiconductor ECWU2332JC9 Datasheet HTML 7Page - Panasonic Semiconductor ECWU2332JC9 Datasheet HTML 8Page - Panasonic Semiconductor ECWU2332JC9 Datasheet HTML 9Page - Panasonic Semiconductor ECWU2332JC9 Datasheet HTML 10Page - Panasonic Semiconductor ECWU2332JC9 Datasheet HTML 11Page - Panasonic Semiconductor ECWU2332JC9 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ECWU (C) Type
DC250V series
Applicable Specifications
(Stacked Metallized Film)
* Please consult Panasonic if your condition exceeds the above spec.
*The current(
0-P) value is calculated using nominal capacitance.
*Permissible voltage graph is the case of sine waveform. When you use this product, peak voltage must not exceed DC rated voltage.
Permissible current
Permissible current
(at sine wave)
(at sine wave)
Frequency (kHz)
Permissible voltage
10
0.1
100
1
0.1
10
1000
1
100
0.027 uF
1000pF
(at sine wave)
Frequency (kHz)
Permissible voltage
10
0.1
100
1
0.1
10
1000
1
100
1.0 uF
0.033 uF
0.027 uF
0.022 uF
0.018 uF
0.015 uF
0.010uF, 8200pF
6800 pF
3900 pF
3300 up
2700 pF
2200 pF
1800 pF
1500 pF
0.012 uF
1200 pF
1000 pF
5600pF, 4700pF
Frequency (kHz)
10
100
1000
0
1
0.5
1
0.068uF, 0.082uF
0.10 uF
0.12 uF, 0.15uF
0.18uF, 0.27uF
0.22 uF
0.33 uF
0.56 uF
0.68 uF, 0.39uF
0.47 uF
0.82 uF
1.0 uF
0.056 uF
0.047 uF
0.033 uF
0.039 uF
Frequency (kHz)
0.1
10
1000
2
0
3
1
100
1


Similar Part No. - ECWU2332JC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU2332C9 PANASONIC-ECWU2332C9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2332C9 PANASONIC-ECWU2332C9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2332C9 PANASONIC-ECWU2332C9 Datasheet
65Kb / 3P
   Plastic Film Capacitors
logo
Panasonic Battery Group
ECWU2332KC9 PANASONICBATTERY-ECWU2332KC9 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECWU2332V16 PANASONIC-ECWU2332V16 Datasheet
68Kb / 2P
   Plastic Film Capacitors
More results

Similar Description - ECWU2332JC9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com