Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8922B Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8922B
Description  ADS892xB 16-bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8922B Datasheet(HTML) 2 Page - Texas Instruments

  ADS8922B Datasheet HTML 1Page - Texas Instruments ADS8922B Datasheet HTML 2Page - Texas Instruments ADS8922B Datasheet HTML 3Page - Texas Instruments ADS8922B Datasheet HTML 4Page - Texas Instruments ADS8922B Datasheet HTML 5Page - Texas Instruments ADS8922B Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ADS8920B
ADS8922B
ADS8924B
SBAS729 – JUNE 2016
www.ti.com
Product Folder Links: ADS8920B ADS8922B ADS8924B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
4 Device and Documentation Support
4.1 Related Links
The following table lists quick access links. Categories include technical documents, support and community
resources, tools and software, and quick access to sample or buy.
Table 1. Related Links
PARTS
PRODUCT FOLDER
SAMPLE & BUY
TECHNICAL
DOCUMENTS
TOOLS &
SOFTWARE
SUPPORT &
COMMUNITY
ADS8920B
Click here
Click here
Click here
Click here
Click here
ADS8922B
Click here
Click here
Click here
Click here
Click here
ADS8924B
Click here
Click here
Click here
Click here
Click here
4.2 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
4.3 Trademarks
multiSPI, E2E are trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.
4.4 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
4.5 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
5 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.


Similar Part No. - ADS8922B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8900B TI1-ADS8900B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8900BRGER TI1-ADS8900BRGER Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8900BRGET TI1-ADS8900BRGET Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8902B TI1-ADS8902B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8902BRGER TI1-ADS8902BRGER Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
More results

Similar Description - ADS8922B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8900B TI1-ADS8900B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8910B TI1-ADS8910B Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
logo
Linear Technology
LTC2387 LINER-LTC2387 Datasheet
665Kb / 8P
   18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
   CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
MAX11166 MAXIM-MAX11166 Datasheet
1Mb / 33P
   16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
logo
Texas Instruments
ADS61B49 TI-ADS61B49_09 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
logo
Maxim Integrated Produc...
MAX11192 MAXIM-MAX11192 Datasheet
15Mb / 37P
   12-/14-/16-Bit, 2Msps, Dual Simultaneous Sampling SAR ADCs with Internal Reference
Rev 1; 9/17
logo
Texas Instruments
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
logo
Linear Technology
LTC2323 LINER-LTC2323 Datasheet
495Kb / 10P
   Dual 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
LTC2311 LINER-LTC2311 Datasheet
524Kb / 10P
   Single 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com