Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KFF6168A Datasheet(PDF) 2 Page - CTS Corporation

Part # KFF6168A
Description  Surface mount, silver (Ag) coated ceramic filter.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

KFF6168A Datasheet(HTML) 2 Page - CTS Corporation

  KFF6168A Datasheet HTML 1Page - CTS Corporation KFF6168A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KFF6168A
814 MHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
(840 max. per box)
10 28 Slot Foam Trays (3 Per Slot)
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
29.399
max
B
13.995
max
C
4.496
max
D
9.017
0.127
E
12.065
0.127
F
1.27
0.127
G
1.016
0.127
I
1.27
0.127
J
1.016
0.127
Rev 0 – Origin Date: July 11, 2005 – Revision Date: July 11, 2005
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -


Similar Part No. - KFF6168A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
KFF6169A CTS-KFF6169A Datasheet
402Kb / 2P
   KFF6169A
KFF6169A CTS-KFF6169A_16 Datasheet
92Kb / 2P
   Pin mounted, silver (Ag) coated ceramic filter.
More results

Similar Description - KFF6168A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0167B CTS-CER0167B Datasheet
68Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0171A CTS-CER0171A Datasheet
294Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter
CER0185A CTS-CER0185A Datasheet
101Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0186A CTS-CER0186A Datasheet
103Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0202A CTS-CER0202A Datasheet
276Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0245E CTS-CER0245E Datasheet
72Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0280A CTS-CER0280A Datasheet
60Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0295B CTS-CER0295B Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0325C CTS-CER0325C Datasheet
63Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter
CER0325E CTS-CER0325E Datasheet
63Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
KFF6450A CTS-KFF6450A Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com