Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC11652 Datasheet(PDF) 7 Page - Texas Instruments

Part # 74AC11652
Description  OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11652 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74AC11652 Datasheet HTML 3Page - Texas Instruments 74AC11652 Datasheet HTML 4Page - Texas Instruments 74AC11652 Datasheet HTML 5Page - Texas Instruments 74AC11652 Datasheet HTML 6Page - Texas Instruments 74AC11652 Datasheet HTML 7Page - Texas Instruments 74AC11652 Datasheet HTML 8Page - Texas Instruments 74AC11652 Datasheet HTML 9Page - Texas Instruments 74AC11652 Datasheet HTML 10Page - Texas Instruments 74AC11652 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
74AC11652
OCTAL BUS TRANSCEIVER AND REGISTERS
WITH 3-STATE OUTPUTS
SCAS088A - DECEMBER 1989 - REVISED APRIL 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
105
105
MHz
tPLH
AorB
BorA
2.4
5.2
7.6
2.4
8.6
ns
tPHL
A or B
B or A
3.1
6
8.7
3.1
9.6
ns
tPLH
CLKBA or CLKAB
AorB
3.6
6.7
9.5
3.6
10.7
ns
tPHL
CLKBA or CLKAB
A or B
4.4
7.8
10.8
4.4
12
ns
tPLH
SBA or SAB
AorB
2.9
5.6
8.1
2.9
9.1
ns
tPHL
SBA or SAB
(A or B high)
A or B
3.8
6.9
9.6
3.8
10.7
ns
tPLH
SBA or SAB
AorB
3.3
6.2
8.8
3.3
9.9
ns
tPHL
SBA or SAB
(A or B low)
A or B
4
7.1
9.9
4
10.9
ns
tPZH
OEBA
A
3.3
6.6
9.6
3.3
10.9
ns
tPZL
OEBA
A
4.2
7.4
10.9
4.2
12.2
ns
tPHZ
OEBA
A
3.6
5.5
7.2
3.6
7.6
ns
tPLZ
OEBA
A
3.3
5
6.7
3.3
7.1
ns
tPZH
OEAB
B
4.1
7.2
10.1
4.1
11.3
ns
tPZL
OEAB
B
4.6
7.9
11.1
4.6
12.3
ns
tPHZ
OEAB
B
3.9
5.6
7.3
3.9
7.6
ns
tPLZ
OEAB
B
3.4
5.2
6.8
3.4
7.2
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C
Power dissipation capacitance per transceiver
Outputs enabled
C =50pF
f=1MHz
60
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
14
pF


Similar Part No. - 74AC11652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11652 TI-74AC11652 Datasheet
144Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
74AC11652DW TI-74AC11652DW Datasheet
144Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
74AC11652DWR TI-74AC11652DWR Datasheet
144Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74AC11652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11652 TI-74AC11652 Datasheet
144Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI-SN54ALS652 Datasheet
331Kb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54HCT652 TI-SN54HCT652 Datasheet
152Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com