Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A3G Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

Part # 10A3G
Description  GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

10A3G Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  10A3G Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd 10A3G Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10A05G THRU 10A10G
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current -10.0Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave 60Hz,,resistive or inductive
load. For capacitive load, derate by 20%.)
°
Note: 1.Measured at 1MHz and applied reverse voltage of 4.0V D C .
2.Mounton Cu Pad Size 16mm
16mm on P C B
.
-. . .
Maximum recurrent peak reverse voltage
VRRM
Volts
Volts
Volts
Volts
Amps
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375"(9.5mm) lead length T =60 C
A
Maximum instantaneous forward voltage
at 10.0 A
Typical thermal resistance (Note 2)
Typical junction capacitance (Note 1)
Maximum reverse
current at rated DC blocking
voltage
Peak forward surge current (8.3ms half sine-
wave superimposed on rated load
(JEDEC method)
10.0
500.0
100
10.0
2.5
400.0
1.1
P
F
CJ
TJ
The plastic package carries Underwrites Laboratory
Flammability Classification 94V-0
Construction utilizes void-free molded plastic technique
High temperature soldering guaranteed:2 0 C/10 seconds
S
1165EU
High forward current capability
High surge current capability
6
at terminals
Component in accordance to RoH
20
°
//
Operating and Storage temperature range
50
35
50
100
70
100
200
140
200
400
300
280
210
400
300
600
420
600
800
560
800
1000
700
1000
R
SEMICONDUCT OR
Symbols
Unis
10A05G 10A1G 10A2G 10A3G 10A4G 10A6G 10A8G 10A10G
-55 to+175
HTIR
5.0
Maximum Full Load Reverse Current Full
Cycle Average
375
9 5mm Lead Length
T75
,
."( .
)
=
@°C
A
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
21
-
T =25 C
A
°
T =100 C
A
°
RθJC
μA
°C/W
°C
μA
DO-201AD
Dimensions in inches and (millimetrers)
0.375(9.50)
0.210(5.3)
0.052(1.32)
1.0(25.4)
MIN
1.0(25.4)
MIN
0.285(7.20)
0.190(4.8)
DIA
0.045(1.14)
DIA
Case: JEDEC DO-201AD molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,method 2026
Polarity: Color band denotes cathode end
Any
Weight: 0.041ounce, 1.15 grams
Mounting Position:


Similar Part No. - 10A3G

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
10A3G JINANJINGHENG-10A3G Datasheet
65Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
10A3G JINANJINGHENG-10A3G Datasheet
65Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results

Similar Description - 10A3G

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com