Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1100 Datasheet(PDF) 9 Page - Texas Instruments

Part # CC1100
Description  Low-Power Sub- 1 GHz RF Transceiver
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1100 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC1100_14 Datasheet HTML 5Page - Texas Instruments CC1100_14 Datasheet HTML 6Page - Texas Instruments CC1100_14 Datasheet HTML 7Page - Texas Instruments CC1100_14 Datasheet HTML 8Page - Texas Instruments CC1100_14 Datasheet HTML 9Page - Texas Instruments CC1100_14 Datasheet HTML 10Page - Texas Instruments CC1100_14 Datasheet HTML 11Page - Texas Instruments CC1100_14 Datasheet HTML 12Page - Texas Instruments CC1100_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
CC1100
SWRS038D
Page 9 of 92
Table 4: Electrical Specifications
4.2
RF Receive Section
Tc = 25
°C, VDD = 3.0V if nothing else stated. All measurement results are obtained using the CC1100EM reference designs
([5] and [6]).
Parameter
Min
Typ
Max
Unit
Condition/Note
Digital channel filter
bandwidth
58
812
kHz
User programmable. The bandwidth limits are proportional to
crystal frequency (given values assume a 26.0 MHz crystal).
315 MHz, 1.2 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(2-FSK, 1% packet error rate, 20 bytes packet length, 5.2 kHz deviation, 58 kHz digital channel filter bandwidth)
Receiver sensitivity
-111
dBm
Sensitivity can be traded for current consumption by setting
MDMCFG2.DEM_DCFILT_OFF=1
. The typical current
consumption is then reduced from 17.1 mA to 15.1 mA at
sensitivity limit. The sensitivity is typically reduced to -109 dBm
315 MHz, 500 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(MDMCFG2.DEM_DCFILT_OFF=1
cannot be used for data rates > 250 kBaud)
(MSK, 1% packet error rate, 20 bytes packet length, 812 kHz digital channel filter bandwidth)
-88
dBm
Parameter
Min
Typ
Max
Unit
Condition
15.5
mA
Receive mode, 1.2 kBaud , reduced current, input at sensitivity
limit
14.5
mA
Receive mode, 1.2 kBaud , reduced current, input well above
sensitivity limit
15.4
mA
Receive mode, 38.4 kBaud , reduced current, input at sensitivity
limit
14.4
mA
Receive mode, 38.4 kBaud , reduced current, input well above
sensitivity limit
16.5
mA
Receive mode, 250 kBaud , reduced current, input at sensitivity
limit
15.2
mA
Receive mode, 250 kBaud , reduced current, input well above
sensitivity limit
28.9
mA
Transmit mode, +10 dBm output power
15.5
mA
Transmit mode, 0 dBm output power
Current consumption,
433MHz
13.1
mA
Transmit mode, –6 dBm output power
15.4
mA
Receive mode, 1.2 kBaud , reduced current, input at sensitivity
limit
14.4
mA
Receive mode, 1.2 kBaud , reduced current, input well above
sensitivity limit
15.2
mA
Receive mode, 38.4 kBaud , reduced current, input at sensitivity
limit
14.4
mA
Receive mode,38.4 kBaud , reduced current, input well above
sensitivity limit
16.4
mA
Receive mode, 250 kBaud , reduced current, input at sensitivity
limit
15.1
mA
Receive mode, 250 kBaud , reduced current, input well above
sensitivity limit
31.1
mA
Transmit mode, +10 dBm output power
16.9
mA
Transmit mode, 0 dBm output power
Current consumption,
868/915MHz
13.5
mA
Transmit mode, –6 dBm output power


Similar Part No. - CC1100_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1100E TI-CC1100E Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver(470-510 MHz & 950-960 MHz)
CC1100E TI1-CC1100E Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC1100E-EMK470 TI-CC1100E-EMK470 Datasheet
2Mb / 97P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC1100E-EMK470 TI1-CC1100E-EMK470 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC1100E-EMK950 TI-CC1100E-EMK950 Datasheet
2Mb / 97P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
More results

Similar Description - CC1100_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1101RGPR TI-CC1101RGPR Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1100RTK TI1-CC1100RTK Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1100E TI1-CC1100E_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC1100ERGPR TI-CC1100ERGPR Datasheet
2Mb / 97P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC1100E TI-CC1100E_13 Datasheet
2Mb / 97P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
logo
Semtech Corporation
SX1268 SEMTECH-SX1268 Datasheet
2Mb / 105P
   Long Range, Low Power, sub-GHz RF Transceiver
logo
Texas Instruments
CC1150 TI1-CC1150_16 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI-CC1150_13 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI-CC1150_10 Datasheet
1Mb / 66P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com