Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1100ERTKT Datasheet(PDF) 9 Page - Texas Instruments

Part # CC1100ERTKT
Description  Low-Power Sub-GHz RF Transceiver
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1100ERTKT Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC1100ERTKT Datasheet HTML 5Page - Texas Instruments CC1100ERTKT Datasheet HTML 6Page - Texas Instruments CC1100ERTKT Datasheet HTML 7Page - Texas Instruments CC1100ERTKT Datasheet HTML 8Page - Texas Instruments CC1100ERTKT Datasheet HTML 9Page - Texas Instruments CC1100ERTKT Datasheet HTML 10Page - Texas Instruments CC1100ERTKT Datasheet HTML 11Page - Texas Instruments CC1100ERTKT Datasheet HTML 12Page - Texas Instruments CC1100ERTKT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 95 page
background image
CC1100E
SWRS082
Page 9 of 92
Table 4: Electrical Specifications
Table 5: Typical Variation in TX Current Consumption over Temperature and Supply Voltage,
955 MHz and +10 dBm Output Power Setting
Current Consumption vs. Input Power
16
16.5
17
17.5
18
18.5
19
-100.00
-80.00
-60.00
-40.00
-20.00
Input Power (dBm)
-40c
25c
85c
Figure 1: Typical Variation in RX Current Consumption overt Temperature and Input Power Level,
955 MHz, 76.8 kBaud GFSK, Sensitivity Optimized Setting
Parameter
Min
Typ
Max
Unit
Condition
16.3
mA
Receive mode, 1.2 kBaud , reduced current, input at sensitivity
limit
15.2
mA
Receive mode, 1.2 kBaud , reduced current, input well above
sensitivity limit
17.7
mA
Receive mode, 38.4 kBaud , reduced current, input at sensitivity
limit
17.0
mA
Receive mode, 38.4 kBaud , reduced current, input well above
sensitivity limit
16.8
mA
Receive mode, 76.8 kBaud , reduced current, input at sensitivity
limit
15.1
mA
Receive mode, 76.8 kBaud , reduced current, input well above
sensitivity limit
30.9
mA
Transmit mode, +10 dBm output power
16.5
mA
Transmit mode, 0 dBm output power
Current consumption,
955 MHz
15.8
mA
Transmit mode, –6 dBm output power
Supply Voltage
VDD = 1.8 V
Supply Voltage
VDD = 3.0 V
Supply Voltage
VDD = 3.6 V
Temperature [°C]
-40
25
85
-40
25
85
-40
25
85
Current [mA]
29.3
28.7
28.1
31.6
30.9
30.3
31.9
31.2
30.6


Similar Part No. - CC1100ERTKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1100ERTKT TI-CC1100ERTKT Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver(470-510 MHz & 950-960 MHz)
CC1100ERTKT TI-CC1100ERTKT Datasheet
2Mb / 97P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
More results

Similar Description - CC1100ERTKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1100ERGPR TI-CC1100ERGPR Datasheet
2Mb / 97P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC1100E TI-CC1100E_13 Datasheet
2Mb / 97P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1101RGPR TI-CC1101RGPR Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1100RTK TI1-CC1100RTK Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
logo
Semtech Corporation
SX1268 SEMTECH-SX1268 Datasheet
2Mb / 105P
   Long Range, Low Power, sub-GHz RF Transceiver
SX1261 SEMTECH-SX1261 Datasheet
2Mb / 107P
   Long Range, Low Power, sub-GHz RF Transceiver
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI1-CC2400_08 Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com