Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1100E Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC1100E
Description  Low-Power Sub-GHz RF Transceiver
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1100E Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1100E Datasheet HTML 7Page - Texas Instruments CC1100E Datasheet HTML 8Page - Texas Instruments CC1100E Datasheet HTML 9Page - Texas Instruments CC1100E Datasheet HTML 10Page - Texas Instruments CC1100E Datasheet HTML 11Page - Texas Instruments CC1100E Datasheet HTML 12Page - Texas Instruments CC1100E Datasheet HTML 13Page - Texas Instruments CC1100E Datasheet HTML 14Page - Texas Instruments CC1100E Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
CC1100E
SWRS082
Page 11 of 92
TA = 25C, VDD = 3.0 V if nothing else stated. All measurement results are obtained using the CC1100E EM reference designs
([3] and[4])
Table 6: RF Receive Section
955 MHz, 38.4 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(GFSK with BT=1, 1% packet error rate, 20 bytes packet length, 20 kHz deviation, 100 kHz digital channel filter bandwidth)
Receiver
sensitivity
-104
dBm
Sensitivity can be traded for current consumption by
setting MDMCFG2.DEM_DCFILT_OFF=1. The typical
current consumption is then reduced from 18.3mA to
17.7 mA at sensitivity limit.
Saturation
-18
dBm
FIFOTHR.CLOSE_IN_RX=0.
See more in DN010
[11]
Adjacent channel
rejection
12
dB
Desired channel 3 dB above the sensitivity limit. 200
kHz channel spacing
Alternate channel
rejection
27
dB
Desired channel 3 dB above the sensitivity limit. 200
kHz channel spacing
See Figure 3 for plot of selectivity versus frequency
offset
Image channel
rejection,
955 MHz
23
dB
IF frequency 152 kHz
Desired channel 3 dB above the sensitivity limit
Parameter
Min
Typ
Max
Unit
Condition/Note
955 MHz, 76.8 kBaud data rate, sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF=0
(GFSK with BT=1, 1% packet error rate, 20 bytes packet length, 32 kHz deviation, 232 kHz digital channel filter bandwidth)
Receiver sensitivity
-100
dBm
Sensitivity can be traded for current consumption by setting
MDMCFG2.DEM_DCFILT_OFF=1
. The typical current
consumption is then reduced from 18.6mA to 16.8 mA at
sensitivity limit.
Blocking
Blocking at ±2 MHz offset,
1.2 kBaud, 955 MHz
-49
dBm
Desired channel 3 dB above the sensitivity limit
Blocking at ±2 MHz offset,
38.4 kBaud, 955 MHz
-49
dBm
Desired channel 3 dB above the sensitivity limit
Blocking at ±10 MHz
offset, 1.2 kBaud, 955
MHz
-39
dBm
Desired channel 3 dB above the sensitivity limit
Blocking at ±10 MHz
offset, 38.4 kBaud, 955
MHz
-40
dBm
Desired channel 3 dB above the sensitivity limit
General
Spurious Emmissions
-38
-32
dBm
dBm
25 MHz – 1 GHz
Excluding the 470-510 MHz band, signal at 960 MHz, 2
nd
harmonicAbove 1 GHz
Typical radiated spurious emission is -49 dBm measured at
the VCO frequency
Data above is for the 470-510 MHz band, for spurious
emmisions at 950-960 MHz, look at section 28.
RX latency
9
Bit
Serial operation. Time from start of reception until data is
available on the receiver data output pin is equal to 9 bits.


Similar Part No. - CC1100E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1100E TI-CC1100E Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver(470-510 MHz & 950-960 MHz)
CC1100E-EMK470 TI-CC1100E-EMK470 Datasheet
2Mb / 97P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC1100E-EMK950 TI-CC1100E-EMK950 Datasheet
2Mb / 97P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC1100ERGPR TI-CC1100ERGPR Datasheet
2Mb / 97P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC1100ERGPT TI1-CC1100ERGPT Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
More results

Similar Description - CC1100E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1100ERGPR TI-CC1100ERGPR Datasheet
2Mb / 97P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC1100E TI-CC1100E_13 Datasheet
2Mb / 97P
[Old version datasheet]   Low-Power Sub-GHz RF Transceiver
CC1100 TI1-CC1100_14 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1101RGPR TI-CC1101RGPR Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Sub-1 GHz RF Transceiver
CC1100RTK TI1-CC1100RTK Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Sub- 1 GHz RF Transceiver
logo
Semtech Corporation
SX1268 SEMTECH-SX1268 Datasheet
2Mb / 105P
   Long Range, Low Power, sub-GHz RF Transceiver
SX1261 SEMTECH-SX1261 Datasheet
2Mb / 107P
   Long Range, Low Power, sub-GHz RF Transceiver
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI1-CC2400_08 Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com