Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM20 Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Part # ZMM20
Description  0.5W SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

ZMM20 Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  ZMM20 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd ZMM20 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd ZMM20 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd ZMM20 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd ZMM20 Datasheet HTML 5Page - Jinan Jingheng (Group) Co.,Ltd ZMM20 Datasheet HTML 6Page - Jinan Jingheng (Group) Co.,Ltd ZMM20 Datasheet HTML 7Page - Jinan Jingheng (Group) Co.,Ltd ZMM20 Datasheet HTML 8Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
mA
Type
Maximum zener impedance
and
at I
rr
Zjt
ZjK
ZK
1)
VZNOM
VV
IZT
mA
Zener Voltage range
1)
Maximum Reverse
Leakage Current
2)
V
A
A
TKVZ
Temp Coefficient
of zener voltage
%/K
ZMM1 THRU ZMM200 SILICON PLANAR ZENER DIODES
1) Tested with pulse tp=20ms
2) Valid provided that electrodes are kept at ambient temperature
3) The ZMM1 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z", Connect the cathode to the negative
pole.
ZMM1
ZMM2.0
ZMM2.4
ZMM2.7
ZMM3.0
ZMM3.3
ZMM3.6
ZMM3.9
ZMM4.3
ZMM4.7
ZMM5.1
ZMM5.6
ZMM6.2
ZMM6.8
ZMM7.5
ZMM8.2
ZMM9.1
ZMM10
ZMM11
ZMM12
ZMM13
ZMM15
ZMM16
ZMM18
ZMM20
ZMM22
ZMM24
ZMM27
ZMM30
ZMM33
ZMM36
ZMM39
ZMM43
ZMM47
ZMM51
ZMM56
ZMM62
ZMM68
ZMM75
ZMM82
ZMM91
ZMM100
ZMM110
ZMM120
ZMM130
ZMM150
ZMM160
ZMM180
ZMM200
3)
0.75
2
2.4
2.7
3
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
160
180
200
5
0.7...0.8
1.9...2.1
2.28...2.56
2.5...2.9
2.8...3.2
3.1...3.5
3.4...3.8
3.7...4.1
4.0...4.6
4.4...5.0
4.8...5.4
5.2...6.0
5.8...6.6
6.4...7.2
7.0...7.9
7.7...8.7
8.5...9.6
9.4.10.6
10.4...11.6
11.4...12.7
12.4...14.1
13.8...15.6
15.3...17.1
16.8...19.1
18.8...21.2
20.8...23.3
22.8...25.6
25.1...28.9
28...32
31...35
34...38
37...41
40...46
44...50
48...54
52...60
58...66
64...72
70...79
77...87
85...96
94...106
104...116
114...127
124...141
138...156
153...171
168...191
188...212
<8
<85
<85
<85
<85
<85
<85
<85
<75
<60
<35
<25
<10
<8
<7
<7
<10
<15
<20
<20
<26
<30
<40
<50
<55
<55
<80
<80
<80
<80
<80
<90
<90
<110
<125
<135
<150
<200
<250
<300
<450
<450
<600
<800
<950
<1250
<1400
<1700
<2000
<50
<600
<600
<600
<600
<600
<600
<600
<600
<600
<550
<450
<200
<150
<50
<50
<50
<70
<70
<90
<110
<110
<170
<170
<220
<220
<220
<220
<220
<220
<220
<500
<500
<600
<700
<700
<1000
<1000
<1000
<1500
<2000
<5000
<5000
<5500
<6000
<6500
<7000
<8500
<10000
1
--
<100
<50
<10
<4
<2
<2
<2
<1
<0.5
--
<200
<100
<50
<40
<40
<40
<40
<20
<10
1.0
-0.26...-0.23
-0.09...-0.06
-0.09...-0.06
-0.09...-0.06
-0.08...-0.05
-0.08...-0.05
-0.08...-0.05
-0.08...-0.05
-0.06...-0.03
-0.05...+0.02
-0.02...+0.02
-0.05...+0.05
0.03...0.06
0.03...0.07
0.03...0.08
0.03...0.09
0.03...0.1
0.03...0.11
0.03...0.11
0.03...0.11
0.03...0.11
0.03...0.11
0.03...0.11
0.03...0.11
0.03...0.11
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.04...0.12
0.05...0.12
0.05...0.12
0.05...0.12
0.05...0.12
0.05...0.12
0.05...0.12
0.05...0.12
0.05...0.12
0.05...0.12
0.05...0.12
2.5
1
0.25
0.1
0.1
<2
<5
<10
2
3
5
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
Iat V
RR 25
(℃)
VR
Iat V
R
R 125
(℃)
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
82
-


Similar Part No. - ZMM20

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM20 SEMTECH-ZMM20 Datasheet
594Kb / 8P
   SILICON PLANAR POWER ZENER DIODES?
logo
Shenzhen Ping Sheng Ele...
ZMM20 PFS-ZMM20 Datasheet
147Kb / 2P
   ZENER DIODES
logo
Bytesonic Electronics C...
ZMM20 BYTESONIC-ZMM20 Datasheet
481Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
Shanghai Lunsure Electr...
ZMM20 CHENYI-ZMM20 Datasheet
449Kb / 8P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
ZMM20 HTSEMI-ZMM20 Datasheet
1Mb / 8P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM20

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com