Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2400-STR1 Datasheet(PDF) 4 Page - Texas Instruments

Part # CC2400-STR1
Description  2.4 GHz Low-Power RF Transceiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400-STR1 Datasheet(HTML) 4 Page - Texas Instruments

  CC2400-STR1 Datasheet HTML 1Page - Texas Instruments CC2400-STR1 Datasheet HTML 2Page - Texas Instruments CC2400-STR1 Datasheet HTML 3Page - Texas Instruments CC2400-STR1 Datasheet HTML 4Page - Texas Instruments CC2400-STR1 Datasheet HTML 5Page - Texas Instruments CC2400-STR1 Datasheet HTML 6Page - Texas Instruments CC2400-STR1 Datasheet HTML 7Page - Texas Instruments CC2400-STR1 Datasheet HTML 8Page - Texas Instruments CC2400-STR1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
CC2400
SWRS042A
Page 4 of 83
1
Abbreviations
ACP
Adjacent Channel Power
ACR
Adjacent Channel Rejection
ADC
Analog-to-Digital Converter
AFC
Automatic Frequency Correction
AGC
Automatic Gain Control
BER
Bit Error Rate
BOM
Bill Of Materials
bps
bits per second
BT
Bandwidth-Time product (for GFSK)
CRC
Cyclic Redundancy Check
CSMA
Carrier Sense Multiple Access
CSMA / CA
Carrier Sense Multiple Access / Collision Avoidance
DAC
Digital-to-Analog Converter
ESR
Equivalent Series Resistance
FH
Frequency Hopping
FHSS
Frequency Hopping Spread Spectrum
FIFO
First In First Out (queue)
FS
Frequency Synthesizer
FSK
Frequency Shift Keying
GFSK
Gaussian Frequency Shift Keying
IF
Intermediate Frequency
ISM
Industrial Scientific Medical
kbps
kilo bits per second
LNA
Low Noise Amplifier
Mbps
Mega bits per second
MCU
Micro Controller Unit
NRZ
Non Return to Zero
PA
Power Amplifier
PD
Phase Detector
PCB
Printed Circuit Board
PN9
Pseudo-random Bit Sequence (9-bit)
PLL
Phase Locked Loop
PRN
Pseudo Random Number
PRNG
Pseudo Random Number Generator
RF
Radio Frequency
RSSI
Received Signal Strength Indicator
RX
Receive (mode)
SPI
Serial Peripheral Interface
SRD
Short Range Device
TBD
To Be Decided/Defined
TDMA
Time Division Multiple Access
TX
Transmit (mode)
VCO
Voltage Controlled Oscillator
VGA
Variable Gain Amplifier


Similar Part No. - CC2400-STR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2400-STR1 TI-CC2400-STR1 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400-STR1 TI-CC2400-STR1 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
More results

Similar Description - CC2400-STR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
   2.4 GHZ RF TRANSCEIVER
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
Murata Manufacturing Co...
XDM2510HC MURATA-XDM2510HC Datasheet
931Kb / 16P
   2.4 GHz Ultra-low Power WirelessHART RF Transceiver Module
logo
Anaren Microwave
A20737A ANAREN-A20737A Datasheet
724Kb / 2P
   2.4-GHz RF transceiver incorporating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com