Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM22 Datasheet(PDF) 3 Page - Jinan Jingheng (Group) Co.,Ltd

Part # ZMM22
Description  0.5W SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

ZMM22 Datasheet(HTML) 3 Page - Jinan Jingheng (Group) Co.,Ltd

  ZMM22 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd ZMM22 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd ZMM22 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd ZMM22 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd ZMM22 Datasheet HTML 5Page - Jinan Jingheng (Group) Co.,Ltd ZMM22 Datasheet HTML 6Page - Jinan Jingheng (Group) Co.,Ltd ZMM22 Datasheet HTML 7Page - Jinan Jingheng (Group) Co.,Ltd ZMM22 Datasheet HTML 8Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZMM1...ZMM200 SILICON PLANAR ZENER DIODES
0
0
0
0
12
10
34
5
20
67
30
8
9
10 V
40 V
10
10
20
20
30
40
mA
50
mA
30
ZMM...
ZMM...
IZ
IZ
VZ
VZ
ZMM1
T =25 C
J
Test current IZ
ZMM2,7
ZMM3,3
ZMM3,9
ZMM4,7
ZMM5,6
ZMM6,8
ZMM8,2
5mA
Test current IZ
5mA
T =25 C
J
ZMM10
ZMM12
ZMM15
ZMM18
ZMM22
ZMM27
ZMM33
ZMM36
BREAKDOWN CHARACTERISTICS AT T = CONSTANT (PULSED)
J
BREAKDOWN CHARACTERISTICS AT T = CONSTANT (PULSED)
J
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
83
-


Similar Part No. - ZMM22

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM22 SEMTECH-ZMM22 Datasheet
594Kb / 8P
   SILICON PLANAR POWER ZENER DIODES?
logo
Shenzhen Ping Sheng Ele...
ZMM22 PFS-ZMM22 Datasheet
147Kb / 2P
   ZENER DIODES
logo
Bytesonic Electronics C...
ZMM22 BYTESONIC-ZMM22 Datasheet
481Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
Shanghai Lunsure Electr...
ZMM22 CHENYI-ZMM22 Datasheet
449Kb / 8P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
ZMM22 HTSEMI-ZMM22 Datasheet
1Mb / 8P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM22

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com