Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM30 Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

Part # ZMM30
Description  0.5W SILICON PLANAR ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

ZMM30 Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  ZMM30 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd ZMM30 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd ZMM30 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd ZMM30 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd ZMM30 Datasheet HTML 5Page - Jinan Jingheng (Group) Co.,Ltd ZMM30 Datasheet HTML 6Page - Jinan Jingheng (Group) Co.,Ltd ZMM30 Datasheet HTML 7Page - Jinan Jingheng (Group) Co.,Ltd ZMM30 Datasheet HTML 8Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
SEMICONDUCTOR
ZMM1 TH U ZMM200
R
0.5W SILICON PLANAR ZENER DIODES
FEATURES
MECHANICAL DATA
ABSOLUTE MAXIMUM RATINGS(LIMITING VALUES) (T =25 C)
A
ELECTRICAL CHARACTERISTICS (T =25 C)
A
Case: MiniMELF(SOD-80) glass case
Weight: Approx. 0.05 gram
Zener current see table "Characteristics"
Thermal resistance junction to ambient
Ptot
R JA
mW
TSTG
Power dissipation at T =25 C
A
Junction temperature
Storage temperature range
1) Valid provided that electrodes case is kept at ambient temperature
Symbols
Symbols
Value
Typ
Max
Min
Units
Units
-55 to+175
C
C
K/W
TJ
175
500
300
1)
1)
MiniMELF
Dimensions in inches and (millimeters)
0.142(3.6)
0.126(3.2)
0.019(0.48)
0.011(0.28)
0.063(1.6)
0.055(1.4)
JF
Forward Voltage at I
100mA
=
F
VF
V
1
High temperature soldering guaranteed 260 C 10 seconds at terminals
:/
°
Component in accordance to RoHS 2011 65 EU
//
In MinMELF case especially for automated insertion
Standard Zener voltage tolerance is
5%.Add suffix "B" for 2% tolerance
Other tolerance, non standard and higher zener voltages are upon
request
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
81
-


Similar Part No. - ZMM30

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM30 SEMTECH-ZMM30 Datasheet
594Kb / 8P
   SILICON PLANAR POWER ZENER DIODES?
logo
Shenzhen Ping Sheng Ele...
ZMM30 PFS-ZMM30 Datasheet
147Kb / 2P
   ZENER DIODES
logo
Bytesonic Electronics C...
ZMM30 BYTESONIC-ZMM30 Datasheet
481Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
Shanghai Lunsure Electr...
ZMM30 CHENYI-ZMM30 Datasheet
449Kb / 8P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
ZMM30 HTSEMI-ZMM30 Datasheet
1Mb / 8P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM30

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com