Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2540F128RHAT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC2540F128RHAT
Description  2.4-GHz Bluetooth low energy System-on-Chip
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2540F128RHAT Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2540F128RHAT Datasheet HTML 7Page - Texas Instruments CC2540F128RHAT Datasheet HTML 8Page - Texas Instruments CC2540F128RHAT Datasheet HTML 9Page - Texas Instruments CC2540F128RHAT Datasheet HTML 10Page - Texas Instruments CC2540F128RHAT Datasheet HTML 11Page - Texas Instruments CC2540F128RHAT Datasheet HTML 12Page - Texas Instruments CC2540F128RHAT Datasheet HTML 13Page - Texas Instruments CC2540F128RHAT Datasheet HTML 14Page - Texas Instruments CC2540F128RHAT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
RESET_N
Px.n
T0299-01
1
2
CC2540F128, CC2540F256
www.ti.com
SWRS084F – OCTOBER 2010 – REVISED JUNE 2013
ADC CHARACTERISTICS (continued)
TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
7-bit setting
20
9-bit setting
36
Conversion time
μs
10-bit setting
68
12-bit setting
132
Power consumption
1.2
mA
Internal reference VDD coefficient
4
mV/V
Internal reference temperature coefficient
0.4
mV/10°C
Internal reference voltage
1.24
V
CONTROL INPUT AC CHARACTERISTICS
TA = –40°C to 85°C, VDD = 2 V to 3.6 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
The undivided system clock is 32 MHz when crystal oscillator is used.
System clock, fSYSCLK
The undivided system clock is 16 MHz when calibrated 16-MHz RC
16
32
MHz
tSYSCLK = 1/ fSYSCLK
oscillator is used.
See item 1, Figure 1. This is the shortest pulse that is recognized as
a complete reset pin request. Note that shorter pulses may be
RESET_N low duration
1
µs
recognized but do not lead to complete reset of all modules within the
chip.
See item 2, Figure 1.This is the shortest pulse that is recognized as
Interrupt pulse duration
20
ns
an interrupt request.
Figure 1. Control Input AC Characteristics
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: CC2540F128 CC2540F256


Similar Part No. - CC2540F128RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128RHAT TI1-CC2540F128RHAT Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
CC2540F128RHAT TI1-CC2540F128RHAT Datasheet
850Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2540F128RHAT TI1-CC2540F128RHAT Datasheet
1Mb / 36P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
More results

Similar Description - CC2540F128RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128 TI1-CC2540F128_11 Datasheet
850Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2540F128 TI1-CC2540F128_14 Datasheet
1Mb / 36P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_12 Datasheet
742Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI1-CC2541 Datasheet
972Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
logo
Nordic Semiconductor
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
   Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
logo
Texas Instruments
CC2540F128 TI1-CC2540F128 Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com