Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2400SKRoHS Datasheet(PDF) 6 Page - Texas Instruments

Part # CC2400SKRoHS
Description  2.4 GHz Low-Power RF Transceiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400SKRoHS Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2400SKRoHS Datasheet HTML 2Page - Texas Instruments CC2400SKRoHS Datasheet HTML 3Page - Texas Instruments CC2400SKRoHS Datasheet HTML 4Page - Texas Instruments CC2400SKRoHS Datasheet HTML 5Page - Texas Instruments CC2400SKRoHS Datasheet HTML 6Page - Texas Instruments CC2400SKRoHS Datasheet HTML 7Page - Texas Instruments CC2400SKRoHS Datasheet HTML 8Page - Texas Instruments CC2400SKRoHS Datasheet HTML 9Page - Texas Instruments CC2400SKRoHS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
CC2400
SWRS042A
Page 6 of 83
3
Absolute Maximum Ratings
Parameter
Min.
Max.
Units
Condition
Supply voltage, chip core,
AVDD/DVDD1.8=VDD
−0.3
2.0
V
Supply voltage (DVDD3.3=VDDIO), digital I/O
−0.3
3.6
V
Voltage on any pin, core
−0.3
VDD+0.3,
max 2.0
V
Voltage on any pin, digital I/O (pin no. 27-35)
−0.3
VDDIO+0.3,
max 3.6
V
Input RF level
10
dBm
Storage temperature range
−50
150
°C
Reflow solder temperature
260
°C
T = 10 s
NOTE:
The supply voltage to the chip core (AVDD/DVDD1.8) should not be switched off when the digital IO (DVDD3.3)
supply voltage is still applied to the chip. If this is done, a large current will flow inside the
CC2400 and the chip may
be damaged as a result.
If the core supply needs to be switched off to lower the power consumption, please see page 17 for a suggested
solution.
The absolute maximum ratings given
above should under no circumstances be
violated. Stress exceeding one or more of
the limiting values may cause permanent
damage to the device.
Caution!
ESD sensitive device.
Precaution should be used when handling
the device in order to prevent permanent
damage.
4
Operating Conditions
Parameter
Min.
Typ.
Max.
Unit
Condition
Supply voltage, chip core,
AVDD/DVDD1.8
1.6
2.0
V
Supply voltage (DVDD3.3), digital
I/O, VDDIO
1.6
3.6
V
The digital I/O voltage (DVDD3.3
pin) must match the interfacing
circuit.
Recommended supply voltage, chip
core, AVDD/DVDD1.8
1.8V
Recommended supply voltage
(DVDD3.3), digital I/O
1.8V/
3.3V
Operating ambient temperature
range
−40
85
°C


Similar Part No. - CC2400SKRoHS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2400SKROHS TI-CC2400SKROHS Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400SKROHS TI-CC2400SKROHS Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
More results

Similar Description - CC2400SKRoHS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400 Datasheet
955Kb / 84P
[Old version datasheet]   2.4 GHz Low-Power RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
   2.4 GHZ RF TRANSCEIVER
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
Murata Manufacturing Co...
XDM2510HC MURATA-XDM2510HC Datasheet
931Kb / 16P
   2.4 GHz Ultra-low Power WirelessHART RF Transceiver Module
logo
Anaren Microwave
A20737A ANAREN-A20737A Datasheet
724Kb / 2P
   2.4-GHz RF transceiver incorporating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com