Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2511F8RSP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CC2511F8RSP
Description  Low-Power SoC (System-on-Chip)
Download  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2511F8RSP Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2511F8RSP Datasheet HTML 2Page - Texas Instruments CC2511F8RSP Datasheet HTML 3Page - Texas Instruments CC2511F8RSP Datasheet HTML 4Page - Texas Instruments CC2511F8RSP Datasheet HTML 5Page - Texas Instruments CC2511F8RSP Datasheet HTML 6Page - Texas Instruments CC2511F8RSP Datasheet HTML 7Page - Texas Instruments CC2511F8RSP Datasheet HTML 8Page - Texas Instruments CC2511F8RSP Datasheet HTML 9Page - Texas Instruments CC2511F8RSP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 245 page
background image
CC2510Fx / CC2511Fx
SWRS055G
Page 6 of 236
2
Key Features (in more details)
2.1
High-Performance
and
Low-Power
8051-Compatible Microcontroller
• Optimized 8051 core which typically
gives 8x the performance of a standard
8051
• Two data pointers
• In-circuit
interactive
debugging
is
supported
by
the
IAR
Embedded
Workbench through a simple two-wire
serial interface
• SW compatible with
CC1110Fx/CC1111Fx
2.2
8/16/32
kB
Non-volatile
Program
Memory and 1/2/4 kB Data Memory
• 8, 16, or 32 kB of non-volatile flash
memory,
in-system
programmable
through a simple two-wire interface or
by the 8051 core
• Minimum flash memory endurance:
1000 write/erase cycles
• Programmable read and write lock of
portions of flash memory for software
security
• 1, 2, or 4 kB of internal SRAM
2.3
Full-Speed USB Controller (
CC2511Fx )
• 5 bi-directional endpoints in addition to
control endpoint 0
• Full-Speed, 12 Mbps transfer rate
• Support
for
Bulk,
Interrupt,
and
Isochronous endpoints
• 1024 bytes of dedicated endpoint FIFO
memory
• 8 - 512 byte data packet size supported
• Configurable FIFO size for IN and OUT
direction of endpoint
2.4
I
2S Interface
• Industry standard I2S interface for
transfer of digital audio data
• Full duplex
• Mono and stereo support
• Configurable sample rate and sample
size
• Support for µ-law compression and
expansion
• Typically used to connect to external
DAC or ADC
2.5
Hardware AES Encryption/Decryption
• 128-bit AES supported in hardware
coprocessor
2.6
Peripheral Features
• Powerful DMA Controller
• Power On Reset/Brown-Out Detection
• ADC
with
eight
individual
input
channels, single-ended or differential
(
CC2511Fx has six channels) and
configurable resolution
• Programmable watchdog timer
• Five timers: one general 16-bit timer
with DSM mode, two general 8-bit
timers, one MAC timer, and one sleep
timer
• Two
programmable
USARTs
for
master/slave SPI or UART operation
• 21 configurable general-purpose digital
I/O-pins (
CC2511Fx has 19)
• Random number generator
2.7
Low Power
• Four flexible power modes for reduced
power consumption
• System can wake up on external
interrupt or when the Sleep Timer
expires
• 0.5 µA current consumption in PM2,
where external interrupts or the Sleep
Timer can wake up the system
• 0.3 µA current consumption in PM3,
where external interrupts can wake up
the system
• Low-power fully static CMOS design
• System clock source is either a high
speed crystal oscillator (24 - 27 MHz for
CC2510Fx and 48 MHz for CC2511Fx) or a
high speed RC oscillator (12 - 13.5 MHz
for
CC2510Fx and 12 MHz for CC2511Fx).
CC2511F8 - Not Recommended for New Designs


Similar Part No. - CC2511F8RSP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2511F8RSP TI-CC2511F8RSP Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2511F8RSP TI1-CC2511F8RSP Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2511F8RSP TI-CC2511F8RSP Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2511F8RSPG3 TI-CC2511F8RSPG3 Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2511F8RSPR TI-CC2511F8RSPR Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
More results

Similar Description - CC2511F8RSP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1110FX TI1-CC1110FX_16 Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip)
logo
Infineon Technologies A...
ADM5120P INFINEON-ADM5120P Datasheet
119Kb / 2P
   System on Chip (SoC) Network Processor
logo
ON Semiconductor
RSL10 ONSEMI-RSL10 Datasheet
158Kb / 19P
   Bluetooth 5 Radio System-on-Chip (SoC)
May, 2018 ??Rev. 3
NCS36510 ONSEMI-NCS36510_16 Datasheet
215Kb / 34P
   Low Power System-on-Chip
September, 2016 ??Rev. 0
logo
Cirrus Logic
CL-PS7110 CIRRUS-CL-PS7110 Datasheet
1Mb / 82P
   Low-Power System-on-a-Chip
CL-PS7111 CIRRUS-CL-PS7111 Datasheet
1Mb / 105P
   Low-Power System-on-a-Chip
logo
Texas Instruments
66AK2H14 TI1-66AK2H14 Datasheet
8Mb / 351P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
logo
ON Semiconductor
NCV-RSL10 ONSEMI-NCV-RSL10 Datasheet
638Kb / 18P
   Bluetooth 5 Radio System-on-Chip (SoC) for Automotive
May, 2020 ??Rev. 1
logo
Texas Instruments
66AK2H14 TI1-66AK2H14_17 Datasheet
8Mb / 355P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_18 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com