Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2620F128RSMT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CC2620F128RSMT
Description  SimpleLink ZigBee RF4CE Wireless MCU
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2620F128RSMT Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2620F128RSMT Datasheet HTML 4Page - Texas Instruments CC2620F128RSMT Datasheet HTML 5Page - Texas Instruments CC2620F128RSMT Datasheet HTML 6Page - Texas Instruments CC2620F128RSMT Datasheet HTML 7Page - Texas Instruments CC2620F128RSMT Datasheet HTML 8Page - Texas Instruments CC2620F128RSMT Datasheet HTML 9Page - Texas Instruments CC2620F128RSMT Datasheet HTML 10Page - Texas Instruments CC2620F128RSMT Datasheet HTML 11Page - Texas Instruments CC2620F128RSMT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
CC2620
SWRS178C – FEBRUARY 2015 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2620
Terminal Configuration and Functions
Copyright © 2015–2016, Texas Instruments Incorporated
Table 4-1. Signal Descriptions – RGZ Package (continued)
NAME
NO.
TYPE
DESCRIPTION
(3)
If internal DC-DC is not used, this pin is supplied internally from the main LDO.
(4)
If internal DC-DC is not used, this pin must be connected to VDDR for supply from the main LDO.
DIO_11
17
Digital I/O
GPIO
DIO_12
18
Digital I/O
GPIO
DIO_13
19
Digital I/O
GPIO
DIO_14
20
Digital I/O
GPIO
DIO_15
21
Digital I/O
GPIO
DIO_16
26
Digital I/O
GPIO, JTAG_TDO, high-drive capability
DIO_17
27
Digital I/O
GPIO, JTAG_TDI, high-drive capability
DIO_18
28
Digital I/O
GPIO
DIO_19
29
Digital I/O
GPIO
DIO_20
30
Digital I/O
GPIO
DIO_21
31
Digital I/O
GPIO
DIO_22
32
Digital I/O
GPIO
DIO_23
36
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_24
37
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_25
38
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_26
39
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_27
40
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_28
41
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_29
42
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_30
43
Digital/Analog I/O
GPIO, Sensor Controller, Analog
JTAG_TMSC
24
Digital I/O
JTAG TMSC, high-drive capability
JTAG_TCKC
25
Digital I/O
JTAG TCKC
RESET_N
35
Digital input
Reset, active-low. No internal pullup.
RF_P
1
RF I/O
Positive RF input signal to LNA during RX
Positive RF output signal to PA during TX
RF_N
2
RF I/O
Negative RF input signal to LNA during RX
Negative RF output signal to PA during TX
VDDR
45
Power
1.7-V to 1.95-V supply, typically connect to output of internal DC-DC (2)(3)
VDDR_RF
48
Power
1.7-V to 1.95-V supply, typically connect to output of internal DC-DC (2)(4)
VDDS
44
Power
1.8-V to 3.8-V main chip supply(1)
VDDS2
13
Power
1.8-V to 3.8-V DIO supply(1)
VDDS3
22
Power
1.8-V to 3.8-V DIO supply(1)
VDDS_DCDC
34
Power
1.8-V to 3.8-V DC-DC supply
X32K_Q1
3
Analog I/O
32-kHz crystal oscillator pin 1
X32K_Q2
4
Analog I/O
32-kHz crystal oscillator pin 2
X24M_N
46
Analog I/O
24-MHz crystal oscillator pin 1
X24M_P
47
Analog I/O
24-MHz crystal oscillator pin 2
EGP
Power
Ground – Exposed Ground Pad


Similar Part No. - CC2620F128RSMT

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CC2619-000 PANDUIT-CC2619-000 Datasheet
94Kb / 1P
   DURASEAL CRIMP SPLICE ENVIRONMENT RESISTANT
logo
Texas Instruments
CC2630 TI1-CC2630 Datasheet
1Mb / 59P
[Old version datasheet]   6LoWPAN, ZigBee Wireless MCU
CC2630F128RGZR TI1-CC2630F128RGZR Datasheet
1Mb / 59P
[Old version datasheet]   6LoWPAN, ZigBee Wireless MCU
CC2630F128RGZT TI1-CC2630F128RGZT Datasheet
1Mb / 59P
[Old version datasheet]   6LoWPAN, ZigBee Wireless MCU
CC2630F128RHBR TI1-CC2630F128RHBR Datasheet
1Mb / 59P
[Old version datasheet]   6LoWPAN, ZigBee Wireless MCU
More results

Similar Description - CC2620F128RSMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2630 TI-CC2630_15 Datasheet
1Mb / 50P
[Old version datasheet]   CC2630 SimpleLink 6LoWPAN / ZigBee Wireless MCU
CC2630 TI1-CC2630 Datasheet
1Mb / 59P
[Old version datasheet]   6LoWPAN, ZigBee Wireless MCU
CC2650 TI-CC2650_15 Datasheet
1Mb / 52P
[Old version datasheet]   CC2650 SimpleLink Multistandard Wireless MCU
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
[Old version datasheet]   SimpleLink Multiprotocol 2.4-GHz Wireless MCU
CC2640 TI-CC2640_15 Datasheet
1Mb / 51P
[Old version datasheet]   CC2640 SimpleLink Bluetooth Smart Wireless MCU
CC2662R-Q1 TI-CC2662R-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   CC2662R-Q1 SimpleLink??Wireless BMS MCU
CC2651R3 TI-CC2651R3 Datasheet
2Mb / 60P
[Old version datasheet]   CC2651R3 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
SWRS258 ??SEPTEMBER 2021
CC2652R7 TI-CC2652R7 Datasheet
2Mb / 58P
[Old version datasheet]   CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC1352R TI1-CC1352R Datasheet
1Mb / 54P
[Old version datasheet]   SimpleLink High-Performance Dual-Band Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com