Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4001BMT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD4001BMT
Description  CMOS NOR Gates
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4001BMT Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD4001BMT Datasheet HTML 3Page - Texas Instruments CD4001BMT Datasheet HTML 4Page - Texas Instruments CD4001BMT Datasheet HTML 5Page - Texas Instruments CD4001BMT Datasheet HTML 6Page - Texas Instruments CD4001BMT Datasheet HTML 7Page - Texas Instruments CD4001BMT Datasheet HTML 8Page - Texas Instruments CD4001BMT Datasheet HTML 9Page - Texas Instruments CD4001BMT Datasheet HTML 10Page - Texas Instruments CD4001BMT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Aug-2014
Addendum-Page 3
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD4025BM96
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4025BM
CD4025BMG4
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4025BM
CD4025BMT
ACTIVE
SOIC
D
14
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4025BM
CD4025BNSR
ACTIVE
SO
NS
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4025B
CD4025BNSRE4
ACTIVE
SO
NS
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4025B
CD4025BPW
ACTIVE
TSSOP
PW
14
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM025B
CD4025BPWE4
ACTIVE
TSSOP
PW
14
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM025B
JM38510/05252BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
05252BCA
JM38510/05254BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
05254BCA
M38510/05252BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
05252BCA
M38510/05254BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
05254BCA
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.


Similar Part No. - CD4001BMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4001BMT TI-CD4001BMT Datasheet
523Kb / 12P
[Old version datasheet]   CMOS NOR Gates
CD4001BMT TI-CD4001BMT Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001BMTE4 TI-CD4001BMTE4 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001BMTG4 TI-CD4001BMTG4 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
More results

Similar Description - CD4001BMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
[Old version datasheet]   CMOS NOR Gates
CD4001B TI-CD4001B Datasheet
206Kb / 5P
[Old version datasheet]   CMOS NOR Gates
CD4001B TI-CD4001B_12 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001BME4 TI-CD4001BME4 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
logo
Unisonic Technologies
UCD4002B UTC-UCD4002B_15 Datasheet
164Kb / 5P
   CMOS NOR Gates High-Voltage Types
UCD4002B UTC-UCD4002B Datasheet
164Kb / 5P
   CMOS NOR Gates High-Voltage Types
logo
Microsemi Corporation
TSC306 MICROSEMI-TSC306 Datasheet
672Kb / 2P
   NOR Gates
logo
List of Unclassifed Man...
SP314 ETC-SP314 Datasheet
157Kb / 3P
   NOR GATES
logo
Renesas Technology Corp
CD4070BMS RENESAS-CD4070BMS Datasheet
336Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
Intersil Corporation
CD4070BMS INTERSIL-CD4070BMS Datasheet
72Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com