Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40109BF Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD40109BF
Description  CMOS Quad Low-to-High Voltage Lever Shifter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD40109BF Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD40109BF Datasheet HTML 2Page - Texas Instruments CD40109BF Datasheet HTML 3Page - Texas Instruments CD40109BF Datasheet HTML 4Page - Texas Instruments CD40109BF Datasheet HTML 5Page - Texas Instruments CD40109BF Datasheet HTML 6Page - Texas Instruments CD40109BF Datasheet HTML 7Page - Texas Instruments CD40109BF Datasheet HTML 8Page - Texas Instruments CD40109BF Datasheet HTML 9Page - Texas Instruments CD40109BF Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 2
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF CD40109B, CD40109B-MIL :
Catalog: CD40109B
Automotive: CD40109B-Q1, CD40109B-Q1
Military: CD40109B-MIL
NOTE: Qualified Version Definitions:
Catalog - TI's standard catalog product
Automotive - Q100 devices qualified for high-reliability automotive applications targeting zero defects
Military - QML certified for Military and Defense Applications


Similar Part No. - CD40109BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40109BF TI-CD40109BF Datasheet
255Kb / 10P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
CD40109BF TI-CD40109BF Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad Low-to-high Voltage Level Shifter
CD40109BF3A TI-CD40109BF3A Datasheet
255Kb / 10P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
CD40109BF3A TI-CD40109BF3A Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad Low-to-high Voltage Level Shifter
More results

Similar Description - CD40109BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40109B-Q1 TI1-CD40109B-Q1 Datasheet
3Mb / 14P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE SHIFTER
CD40109BPWRE4 TI-CD40109BPWRE4 Datasheet
1Mb / 14P
[Old version datasheet]   CMOS Quad Low-to-high Voltage Level Shifter
CD40109B TI-CD40109B Datasheet
255Kb / 10P
[Old version datasheet]   CMOS QUAD LOW-TO-HIGH VOLTAGE LEVEA SHIFTER
logo
Intersil Corporation
CD40109BMS INTERSIL-CD40109BMS Datasheet
76Kb / 9P
   CMOS Quad Low-to-High Voltage Level Shifter
December 1992
logo
STMicroelectronics
HCC40109B STMICROELECTRONICS-HCC40109B Datasheet
292Kb / 12P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
HCF40109B STMICROELECTRONICS-HCF40109B_03 Datasheet
300Kb / 10P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
HCF40109B STMICROELECTRONICS-HCF40109B Datasheet
266Kb / 9P
   QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
logo
Texas Instruments
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
Intersil Corporation
CD4504BMS INTERSIL-CD4504BMS Datasheet
60Kb / 8P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
December 1992
logo
Texas Instruments
CD4504B TI-CD4504B Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS OR CMOS-TO-CMOS OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com