Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40110BE Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CD40110BE
Description  CMOs Decade Up-Down Counter/Latch/Display Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD40110BE Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD40110BE Datasheet HTML 4Page - Texas Instruments CD40110BE Datasheet HTML 5Page - Texas Instruments CD40110BE Datasheet HTML 6Page - Texas Instruments CD40110BE Datasheet HTML 7Page - Texas Instruments CD40110BE Datasheet HTML 8Page - Texas Instruments CD40110BE Datasheet HTML 9Page - Texas Instruments CD40110BE Datasheet HTML 10Page - Texas Instruments CD40110BE Datasheet HTML 11Page - Texas Instruments CD40110BE Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD40110BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD40110BEE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-May-2009
Addendum-Page 1


Similar Part No. - CD40110BE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40110BE TI1-CD40110BE Datasheet
431Kb / 12P
[Old version datasheet]   CMOS Decade Up-Down Counter/Latch/Display Driver High-Voltage Type (20-V Rating)
More results

Similar Description - CD40110BE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40110B TI-CD40110B Datasheet
324Kb / 10P
[Old version datasheet]   CMOS DECADE UP-DOWN COUNTER/LATCH/DISPLAY DRIVER
logo
STMicroelectronics
HCC40110B STMICROELECTRONICS-HCC40110B Datasheet
219Kb / 11P
   DECADE UP-DOWN COUNTER/DECODER/LATCH/DRIVER
HCF40110B STMICROELECTRONICS-HCF40110B_02 Datasheet
430Kb / 10P
   DECADE UP/DOWN COUNTER/DECODER/LATCH/DRIVER
logo
Texas Instruments
CD40110BE TI1-CD40110BE Datasheet
431Kb / 12P
[Old version datasheet]   CMOS Decade Up-Down Counter/Latch/Display Driver High-Voltage Type (20-V Rating)
logo
Fairchild Semiconductor
4510B FAIRCHILD-4510B Datasheet
184Kb / 4P
   UP/DOWN DECADE COUNTER
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
logo
STMicroelectronics
M74HC192 STMICROELECTRONICS-M74HC192 Datasheet
560Kb / 14P
   SYNCHRONOUS UP/DOWN DECADE COUNTER
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B Datasheet
241Kb / 8P
   Binary/Decade Up/Down Counter
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com