Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40192B Datasheet(PDF) 6 Page - Texas Instruments

Part # CD40192B
Description  CMOs Presettable Up/Down counters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD40192B Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD40192B_15 Datasheet HTML 2Page - Texas Instruments CD40192B_15 Datasheet HTML 3Page - Texas Instruments CD40192B_15 Datasheet HTML 4Page - Texas Instruments CD40192B_15 Datasheet HTML 5Page - Texas Instruments CD40192B_15 Datasheet HTML 6Page - Texas Instruments CD40192B_15 Datasheet HTML 7Page - Texas Instruments CD40192B_15 Datasheet HTML 8Page - Texas Instruments CD40192B_15 Datasheet HTML 9Page - Texas Instruments CD40192B_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD40192BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD40192BE
CD40192BEE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD40192BE
CD40192BF
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
CD40192BF
CD40192BF3A
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
CD40192BF3A
CD40192BNSR
ACTIVE
SO
NS
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD40192B
CD40193BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD40193BE
CD40193BEE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD40193BE
CD40193BF3A
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
CD40193BF3A
CD40193BNSR
ACTIVE
SO
NS
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD40193B
CD40193BNSRE4
ACTIVE
SO
NS
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD40193B
CD40193BPW
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM0193B
CD40193BPWR
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM0193B
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.


Similar Part No. - CD40192B_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
National Semiconductor ...
CD40192BC NSC-CD40192BC Datasheet
141Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Fairchild Semiconductor
CD40192BCN FAIRCHILD-CD40192BCN Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
CD40192BE TI-CD40192BE Datasheet
516Kb / 11P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
CD40192BE TI-CD40192BE Datasheet
1Mb / 16P
[Old version datasheet]   CMOS Pressettable Up/Down Counters
More results

Similar Description - CD40192B_15

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4510BMS INTERSIL-CD4510BMS Datasheet
139Kb / 11P
   CMOS Presettable Up/Down Counters
December 1992
logo
Texas Instruments
CD4510B TI-CD4510B Datasheet
295Kb / 12P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTERS
CD4510B TI1-CD4510B_15 Datasheet
1Mb / 16P
[Old version datasheet]   Cmos Presettable Up/Down Counters
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
   PRESETTABLE UP / DOWN COUNTERS
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
   PRESETTABLE UP/DOWN COUNTERS
logo
List of Unclassifed Man...
MMC4510 ETC1-MMC4510 Datasheet
224Kb / 6P
   PRESETTABLE UP / DOWN COUNTERS
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
Renesas Technology Corp
CD40192BMS RENESAS-CD40192BMS Datasheet
462Kb / 12P
   CMOS Presettable Up/Down Counters(Dual Clock With Reset)
December 1992
logo
Texas Instruments
CD40192B TI-CD40192B Datasheet
516Kb / 11P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
logo
Intersil Corporation
CD40192BMS INTERSIL-CD40192BMS Datasheet
149Kb / 12P
   CMOS Presettable Up/Down Counters (Dual Clock With Reset)
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com