Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCE6467T Datasheet(PDF) 7 Page - Texas Instruments

Part # VCE6467T
Description  Digital Media System-on-Chip
Download  353 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCE6467T Datasheet(HTML) 7 Page - Texas Instruments

Back Button VCE6467T_15 Datasheet HTML 3Page - Texas Instruments VCE6467T_15 Datasheet HTML 4Page - Texas Instruments VCE6467T_15 Datasheet HTML 5Page - Texas Instruments VCE6467T_15 Datasheet HTML 6Page - Texas Instruments VCE6467T_15 Datasheet HTML 7Page - Texas Instruments VCE6467T_15 Datasheet HTML 8Page - Texas Instruments VCE6467T_15 Datasheet HTML 9Page - Texas Instruments VCE6467T_15 Datasheet HTML 10Page - Texas Instruments VCE6467T_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 353 page
background image
VCE6467T, AVCE6467T
www.ti.com
SPRS690 – MARCH 2011
2
Device Overview
2.1
Device Characteristics
Table 2-1 provides an overview of the VCE6467T SoC. The table shows significant features of the device,
including the capacity of on-chip RAM, peripherals, internal peripheral bus frequency relative to the C64x+
DSP, and the package type with pin count.
Table 2-1. Characteristics of the VCE6467T Processor
HARDWARE FEATURES
VCE6467T
DDR2 Memory Controller
DDR2 (Up to 400-MHz, 16/32-bit bus width)
Asynchronous (8/16-bit bus width) RAM, Flash
Asynchronous EMIF (EMIFA)
(NOR, NAND)
64 independent channels
EDMA
8 QDMA channels
2 64-Bit General Purpose (each configurable as 2
Timers
separate 32-bit timers)
1 64-Bit Watchdog
3 (with SIR, MIR, CIR support and RTS/CTS flow
UART
control)
(UART0 Supports Modem Interface)
SPI
1 (supports 2 slave devices)
I2C
1 (Master/Slave)
2 (one transmit/receive with 4 serializers,
Multichannel Audio Serial Port (McASP)
one DIT transmit only with 1 serializer for S/PDIF
output)
10/100/1000 Ethernet MAC with Management Data
1 (with MII/GMII Interface)
Input/Output (MDIO)
Peripherals
VLYNQ
1
Not all peripherals pins are
General-Purpose Input/Output Port (GPIO)
Up to 33 pins
available at the same time
PWM
2 outputs
(for more detail, see the
ATA
1 (ATA/ATAPI-6)
Device Configurations
section).
PCI
1 (32-bit, 66 MHz)
HPI
1 (16-/32-bit multiplexed address/data)
1 [horizontal and vertical downscaling,
VDCE
chroma conversion (4:2:2
↔4:2:0)]
Clock Recovery Generator (CRGEN)
1
Power Sleep Controller (PSC)
1 (peripheral/module clock gating)
2 8-bit BT.656 capture channels or
1 16-bit Y/C capture channel or
108-MHz Configurable Video Port Interface (VPIF)
1 8-/10-/12-bit raw video capture channel and
2 8-bit BT.656 display channels or
1 16-bit Y/C display channel
MPEG transport stream interface
1 with 8-bit parallel or serial input and output
Transport Stream Interface (TSIF)
1 with serial-only input and output
Each with corresponding clock recovery generator
(CRGEN) for external VCXO control.
High- and Full-Speed Device
USB 2.0 (1)
High-, Full-, and Low-Speed Host
(1)
USB2.0 is not supported on -1G parts that are dated prior to May 1, 2010. See the TMS320DM6467T Silicon Errata (Literature Number:
SPRZ307) for more details on how to decode the date from package markings.
Copyright © 2011, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback
Product Folder Link(s): VCE6467T AVCE6467T


Similar Part No. - VCE6467T_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCE6467TZUTL1 TI1-VCE6467TZUTL1 Datasheet
2Mb / 352P
[Old version datasheet]   VCE6467T, AVCE6467T Digital Media System-on-Chip
MARCH2011
More results

Similar Description - VCE6467T_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com