Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCE6467T Datasheet(PDF) 10 Page - Texas Instruments

Part # VCE6467T
Description  Digital Media System-on-Chip
Download  353 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCE6467T Datasheet(HTML) 10 Page - Texas Instruments

Back Button VCE6467T Datasheet HTML 6Page - Texas Instruments VCE6467T Datasheet HTML 7Page - Texas Instruments VCE6467T Datasheet HTML 8Page - Texas Instruments VCE6467T Datasheet HTML 9Page - Texas Instruments VCE6467T Datasheet HTML 10Page - Texas Instruments VCE6467T Datasheet HTML 11Page - Texas Instruments VCE6467T Datasheet HTML 12Page - Texas Instruments VCE6467T Datasheet HTML 13Page - Texas Instruments VCE6467T Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 353 page
background image
VCE6467T, AVCE6467T
SPRS690 – MARCH 2011
www.ti.com
For more complete details on the ARM9, refer to the ARM926EJ-S Technical Reference Manual, available
at http://www.arm.com
2.3.2
CP15
The ARM926EJ-S system control coprocessor (CP15) is used to configure and control instruction and
data caches, Tightly-Coupled Memories (TCMs), Memory Management Unit (MMU), and other ARM
subsystem functions. The CP15 registers are programmed using the MRC and MCR ARM instructions,
when the ARM in a privileged mode such as supervisor or system mode.
2.3.3
MMU
The ARM926EJ-S MMU provides virtual memory features required by operating systems such as Linux®,
Windows® CE, Ultron®, ThreadX®, etc. A single set of two level page tables stored in main memory is
used to control the address translation, permission checks and memory region attributes for both data and
instruction accesses. The MMU uses a single unified Translation Lookaside Buffer (TLB) to cache the
information held in the page tables. The MMU features are:
Standard ARM architecture v4 and v5 MMU mapping sizes, domains and access protection scheme.
Mapping sizes are:
1MB (sections)
64KB (large pages)
4KB (small pages)
1KB (tiny pages)
Access permissions for large pages and small pages can be specified separately for each quarter of
the page (subpage permissions)
Hardware page table walks
Invalidate entire TLB, using CP15 register 8
Invalidate TLB entry, selected by MVA, using CP15 register 8
Lockdown of TLB entries, using CP15 register 10
2.3.4
Caches and Write Buffer
The size of the Instruction Cache is 16KB, Data cache is 8KB. Additionally, the Caches have the following
features:
Virtual index, virtual tag, and addressed using the Modified Virtual Address (MVA)
Four-way set associative, with a cache line length of eight words per line (32-bytes per line) and with
two dirty bits in the Dcache
Dcache supports write-through and write-back (or copy back) cache operation, selected by memory
region using the C and B bits in the MMU translation tables.
Critical-word first cache refilling
Cache lockdown registers enable control over which cache ways are used for allocation on a line fill,
providing a mechanism for both lockdown, and controlling cache corruption
Dcache stores the Physical Address TAG (PA TAG) corresponding to each Dcache entry in the TAG
RAM for use during the cache line write-backs, in addition to the Virtual Address TAG stored in the
TAG RAM. This means that the MMU is not involved in Dcache write-back operations, removing the
possibility of TLB misses related to the write-back address.
Cache maintenance operations provide efficient invalidation of, the entire Dcache or Icache, regions of
the Dcache or Icache, and regions of virtual memory.
The write buffer is used for all writes to a noncachable bufferable region, write-through region and write
misses to a write-back region. A separate buffer is incorporated in the Dcache for holding write-back for
cache line evictions or cleaning of dirty cache lines. The main write buffer has 16-word data buffer and a
four-address buffer. The Dcache write-back has eight data word entries and a single address entry.
10
Device Overview
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): VCE6467T AVCE6467T


Similar Part No. - VCE6467T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCE6467T TI1-VCE6467T Datasheet
2Mb / 352P
[Old version datasheet]   VCE6467T, AVCE6467T Digital Media System-on-Chip
MARCH2011
VCE6467TZUTL1 TI1-VCE6467TZUTL1 Datasheet
2Mb / 352P
[Old version datasheet]   VCE6467T, AVCE6467T Digital Media System-on-Chip
MARCH2011
More results

Similar Description - VCE6467T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com