Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLG5-500KV0.2A Datasheet(PDF) 1 Page - Anshan Suly Electronics

Part # QLG5-500KV0.2A
Description  High voltage bridge rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANSHAN [Anshan Suly Electronics]
Direct Link  http://www.hvdiode.com/
Logo ANSHAN - Anshan Suly Electronics

QLG5-500KV0.2A Datasheet(HTML) 1 Page - Anshan Suly Electronics

  QLG5-500KV0.2A Datasheet HTML 1Page - Anshan Suly Electronics QLG5-500KV0.2A Datasheet HTML 2Page - Anshan Suly Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Anshan
Anshan
Anshan
Anshan
Suly
Suly
Suly
Suly
Electronics
Electronics
Electronics
Electronics
Co.,
Co.,
Co.,
Co.,
Ltd.
Ltd.
Ltd.
Ltd.
ANSHAN
ANSHAN
ANSHAN
ANSHAN
SULY
SULY
SULY
SULY
ELECTRONICS
ELECTRONICS
ELECTRONICS
ELECTRONICS
CO.,
CO.,
CO.,
CO.,
LTD.
LTD.
LTD.
LTD.
Website: www.hvdiode.com
Tel: +86-412-8220288
Fax: +86-412-8223397
QLG5~500KV/0.2A
QLG5~500KV/0.2A
QLG5~500KV/0.2A
QLG5~500KV/0.2A
Product
Product
Product
Product
Data
Data
Data
Data
High voltage bridge rectifier QLG5~500KV/0.2A
QLG5~500KV/0.2A
QLG5~500KV/0.2A
QLG5~500KV/0.2A
adopts high reliable mesa structure and diffusion craftwork, epoxy
resin molded in a compact structure.
Limiting
Limiting
Limiting
Limiting
Value
Value
Value
Value
(Absolute
Absolute
Absolute
Absolute
Maximum
Maximum
Maximum
Maximum
Rating
Rating
Rating
Rating
Electrical
Electrical
Electrical
Electrical
Characteristic
Characteristic
Characteristic
Characteristic
(Ta=25
Ta=25
Ta=25
Ta=25
℃ Unless
Unless
Unless
Unless
Otherwise
Otherwise
Otherwise
Otherwise
Specified
Specified
Specified
Specified
Item
Symbol
Unit
Conditions
Data
Repetitive Peak Reverse Voltage
(Single Arm)
VRRM
KV
Ta=25℃
IR=1.0μA
5~500.0
Peak Working Revere Voltage
(Single Arm)
VRWM
KV
Ta=25℃
IR=1.0μA
5~500.0
Non-Repetitive Peak Reverse Voltage
(Single Arm)
VRsM
KV
Ta=25℃
IR=1.0μA
6~600.0
Average Forward Current
IF(AV)
A
( 50KHz Half-sine Wave , Resistance
load @Tbreak=50℃)
0.2
Reverse Recovery Time
trr
nS
IF=50mA
IR=100mA IRR=25mA
80/100
Surge Forward Current
IFSM
A
0.01S @ Half-Sine wave
50Hz
10.0
Operating Ambient Temperature
Ta
-40~+125
Storage Temperature
T stg
-40~+125
Forward Peak Voltage
(Single Arm; Reference Value)
VFM
V
@ Ta=25℃
IF=0.02A
7.5~750.0
Peak Reverse Current
(Reference Value)
IRRM1
μA
@ Ta=25℃ VRM=VRRM
5.0
IRRM2
μA
@ Ta=100℃ VRM=VRRM
100.0
■ Feature
Feature
Feature
Feature
 Avalanche characteristic
 More sizes to choose
 Epoxy resin molded in vacuum, have
anticorrosion in the surface
 Operating junction temperature Tj: -
40℃—+150℃
■ Application
Application
Application
Application
High voltage rectifier used in electrostatic
cleaning
High voltage generator
High voltage testing equipment
General purpose high voltage rectifier, voltage
multiplier assembly


Similar Part No. - QLG5-500KV0.2A

ManufacturerPart #DatasheetDescription
logo
Anshan Suly Electronics
QLG5-500KV0.02A ANSHAN-QLG5-500KV0.02A Datasheet
190Kb / 2P
   High voltage bridge rectifier
QLG5-500KV0.05A ANSHAN-QLG5-500KV0.05A Datasheet
186Kb / 2P
   High voltage bridge rectifier
QLG5-500KV0.5A ANSHAN-QLG5-500KV0.5A Datasheet
186Kb / 2P
   High voltage bridge rectifier
More results

Similar Description - QLG5-500KV0.2A

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVQL20MB050D GETEDZ-HVQL20MB050D_17 Datasheet
523Kb / 2P
   High Voltage Bridge Rectifier
logo
Anshan Suly Electronics
QLG5-500KV1.5A ANSHAN-QLG5-500KV1.5A Datasheet
186Kb / 2P
   High voltage bridge rectifier
3QL5-500KV0.1A ANSHAN-3QL5-500KV0.1A Datasheet
184Kb / 2P
   High voltage bridge rectifier
logo
GETAI ELECTRONICS DEVIC...
HVQL GETEDZ-HVQL Datasheet
294Kb / 2P
   HIGH VOLTAGE BRIDGE RECTIFIER
logo
Anshan Suly Electronics
3QL5-500KV0.02A ANSHAN-3QL5-500KV0.02A Datasheet
183Kb / 2P
   High voltage bridge rectifier
QLG5-500KV1.0A ANSHAN-QLG5-500KV1.0A Datasheet
186Kb / 2P
   High voltage bridge rectifier
QLG5-400KV2.5A ANSHAN-QLG5-400KV2.5A Datasheet
186Kb / 2P
   High voltage bridge rectifier
QLG5-400KV2.0A ANSHAN-QLG5-400KV2.0A Datasheet
186Kb / 2P
   High voltage bridge rectifier
QLG5-500KV0.02A ANSHAN-QLG5-500KV0.02A Datasheet
190Kb / 2P
   High voltage bridge rectifier
QLG5-500KV0.05A ANSHAN-QLG5-500KV0.05A Datasheet
186Kb / 2P
   High voltage bridge rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com