Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCE6467TZUTL1 Datasheet(PDF) 2 Page - Texas Instruments

Part # VCE6467TZUTL1
Description  Digital Media System-on-Chip
Download  353 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCE6467TZUTL1 Datasheet(HTML) 2 Page - Texas Instruments

  VCE6467TZUTL1 Datasheet HTML 1Page - Texas Instruments VCE6467TZUTL1 Datasheet HTML 2Page - Texas Instruments VCE6467TZUTL1 Datasheet HTML 3Page - Texas Instruments VCE6467TZUTL1 Datasheet HTML 4Page - Texas Instruments VCE6467TZUTL1 Datasheet HTML 5Page - Texas Instruments VCE6467TZUTL1 Datasheet HTML 6Page - Texas Instruments VCE6467TZUTL1 Datasheet HTML 7Page - Texas Instruments VCE6467TZUTL1 Datasheet HTML 8Page - Texas Instruments VCE6467TZUTL1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 353 page
background image
VCE6467T, AVCE6467T
SPRS690 – MARCH 2011
www.ti.com
(BT.1120), or Single Raw (8-/10-/12-Bit) Video
• 32-Bit, 66-MHz, 3.3 V Peripheral Component
Capture Channels
Interconnect (PCI) Master/Slave Interface
– Two 8-Bit SD (BT.656) or Single 16-Bit HD
– Conforms to PCI Specification 2.3
(BT.1120) Video Display Channels
• Two 64-Bit General-Purpose Timers (Each
• Video Data Conversion Engine (VDCE)
Configurable as Two 32-Bit Timers)
– Horizontal and Vertical Downscaling
• One 64-Bit Watch Dog Timer
– Chroma Conversion (4:2:2
↔4:2:0)
• Three Configurable UART/IrDA/CIR Modules
(One With Modem Control Signals)
• Two Transport Stream Interface (TSIF) Modules
(One Parallel/Serial and One Serial Only)
– Supports up to 1.8432 Mbps UART
– TSIF for MPEG Transport Stream
– SIR and MIR (0.576 MBAUD)
– Simultaneous Synchronous or
– CIR With Programmable Data Encoding
Asynchronous Input/Output Streams
• One Serial Peripheral Interface (SPI) With Two
– Absolute Time Stamp Detection
Chip-Selects
– PID Filter With 7 PID Filter Tables
• Master/Slave Inter-Integrated Circuit (I2C Bus™)
– Corresponding Clock Reference Generator
• Two Multichannel Audio Serial Ports (McASPs)
(CRGEN) Modules for System Time-Clock
– One Four Serializer Transmit/Receive Port
Recovery
– One Single DIT Transmit Port for S/PDIF
• External Memory Interfaces (EMIFs)
• 32-Bit Host Port Interface (HPI)
– Up to 400-MHz 32-Bit DDR2 SDRAM Memory
• VLYNQ™ Interface (FPGA Interface)
Controller With 512M-Byte Address Space
• Two Pulse Width Modulator (PWM) Outputs
(1.8-V I/O)
• ATA/ATAPI I/F (ATA/ATAPI-6 Specification)
– Asynchronous16-Bit Wide EMIF (EMIFA)
• Up to 33 General-Purpose I/O (GPIO) Pins
With 128M-Byte Address Reach
(Multiplexed With Other Device Functions)
Flash Memory Interfaces
• On-Chip ARM ROM Bootloader (RBL)
NOR (8-/16-Bit-Wide Data)
• Individual Power-Saving Modes for ARM/DSP
NAND (8-/16-Bit-Wide Data)
• Flexible PLL Clock Generators
• Enhanced Direct-Memory-Access (EDMA)
• IEEE-1149.1 (JTAG) Boundary-
Controller (64 Independent Channels)
Scan-Compatible
– Programmable Default Burst Size
• 529-Pin Pb-Free BGA Package
• 10/100/1000 Mb/s Ethernet MAC (EMAC)
(ZUT Suffix), 0.8-mm Ball Pitch
– IEEE 802.3 Compliant (3.3-V I/O Only)
• 0.09-
μm/7-Level Cu Metal Process (CMOS)
– Supports MII and GMII Media Independent
• 3.3-V and 1.8-V I/O, 1.3-V Internal
Interfaces
• Applications:
– Management Data I/O (MDIO) Module
– Video Encode/Decode/Transcode/Transrate
• USB Port With Integrated 2.0 PHY
– Digital Media
– USB 2.0 High-/Full-Speed Client
– Networked Media Encode/Decode
– USB 2.0 High-/Full-/Low-Speed Host
– Video Imaging
(Mini-Host, Supporting One External
– Video Infrastructure
Device)
– Video Conferencing
2
Digital Media System-on-Chip (DMSoC)
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): VCE6467T AVCE6467T


Similar Part No. - VCE6467TZUTL1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCE6467TZUTL1 TI1-VCE6467TZUTL1 Datasheet
2Mb / 352P
[Old version datasheet]   VCE6467T, AVCE6467T Digital Media System-on-Chip
MARCH2011
More results

Similar Description - VCE6467TZUTL1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com