Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF840PBF Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # IRF840PBF
Description  8.8A,500V Heatsink N-Channel Type Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

IRF840PBF Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  IRF840PBF Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. IRF840PBF Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. IRF840PBF Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. IRF840PBF Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. IRF840PBF Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd. IRF840PBF Datasheet HTML 6Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain to Source Voltage
500
V
ID
Continuous Drain Current(@TC = 25°C)
8.8
A
Continuous Drain Current(@TC = 100°C)
5.5
A
IDM
Drain Current Pulsed
(Note 1)
35.2
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
559
mJ
EAR
Repetitive Avalanche Energy
(Note 1)
13.7
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5V/ns
PD
Total Power Dissipation(@TC = 25 °C)
137
W
Derating Factor above 25 °C
1.1
W/°C
TSTG, TJ
Operating Junction Temperature & Storage Temperature
- 55 ~ 150
°C
TL
Maximum Lead Temperature for soldering purpose,
1/8 from Case for 5 seconds.
300
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
Min.
Typ.
Max.
RθJC
Thermal Resistance, Junction-to-Case
-
-
0.91
°C/W
RθCS
Thermal Resistance, Case to Sink
-
0.5
-
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
-
-
62
°C/W
Features
RDS(on) (Max 0.85 Ω )@VGS=10V
Gate Charge (Typical 35nC)
Improved dv/dt Capability
High ruggedness
100% Avalanche Tested
RDS(ON) = 0.85 ohm
ID = 8.8A
BVDSS = 500V
2. Drain
3. Source
1. Gate
®
IRF840PBF
Pb Free Plating Product
IRF840PBF
Pb
8.8A,500V Heatsink N-Channel Type Power MOSFET
TO-220C
1
2
3
General Description
This N-channel enhancement mode field-effect power transistor
using THINKI Semiconductor advanced planar stripe, DMOS technol-
ogy intended for off-line switch mode power supply.
Also, especially designed to minimize rds(on) and high rugged
avalanche characteristics. The TO-220C pkg is well suited for
adaptor power unit and small power inverter application.
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/6
Rev.05


Similar Part No. - IRF840PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF840PBF IRF-IRF840PBF Datasheet
895Kb / 7P
   HEXFET POWER MOSFET
logo
Vishay Siliconix
IRF840PBF VISHAY-IRF840PBF Datasheet
135Kb / 8P
   Power MOSFET
S-81290-Rev. B, 16-Jun-08
More results

Similar Description - IRF840PBF

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
TSF9N50C THINKISEMI-TSF9N50C Datasheet
830Kb / 6P
   8.8A,500V Insulated N-Channel Type Power MOSFET
logo
Intersil Corporation
IRFP440 INTERSIL-IRFP440 Datasheet
56Kb / 7P
   8.8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
logo
Thinki Semiconductor Co...
20N50B THINKISEMI-20N50B Datasheet
1Mb / 6P
   20A,500V Heatsink N-Channel Type Power MOSFET
W20NB50 THINKISEMI-W20NB50 Datasheet
1Mb / 6P
   20A,500V Heatsink N-Channel Type Power MOSFET
IRF830PBF THINKISEMI-IRF830PBF Datasheet
1Mb / 6P
   5.0A,500V Heatsink N-Channel Type Power MOSFET
IRFP460PBF THINKISEMI-IRFP460PBF Datasheet
1Mb / 6P
   20A,500V Heatsink N-Channel Type Power MOSFET
logo
International Rectifier
IRFP440 IRF-IRFP440 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com