Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU606 Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # GBU606
Description  6.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

GBU606 Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  GBU606 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. GBU606 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
• Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
• Ideal for printed circuit boards
• Glass passivated chip junction
• Reliable low cost construction utilizing molded
plastic technique
Mechanical Data
• Case: Molded plastic GBU
• Terminals: leads solderable per MIL-STD-202
Method 208 guaranteed
• Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Rating at 25℃ ambient temperature unless otherwise specified. Single-phase, half wave, 60Hz, resistive or inductive
load. For capacitive load, derate current by 20%.
Symbols
GBU
6005
GBU
601
GBU
602
GBU
604
GBU
606
GBU
608
GBU
610
Units
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
at TC = 100℃ (Note 1), (Note 2)
IF(AV)
6
A
Peak forward surge current,8.3ms single half-sine-wave
superimposed on rated load (JEDEC Method)
IFSM
175
A
Maximum forward voltage
at 3.0A DC and 25℃
VF
1
V
Maximum reverse current at TA = 25℃
at rated DC blocking voltage TA = 125℃
IR
5
500
µA
Typical junction capacitance (Note 3)
CJ
211
94
pF
Typical thermal resistance (Note 1),(Note 2)
RθJA
7.4
/W
Typical thermal resistance (Note 1),(Note 2)
RθJC
2.2
/W
Operating and storage temperature range
TJ ,TS
-55 to +150
Notes: (1). Units case mounted on 2.6x1.4x0.06” thick (6.5x3.5x0.15 cm) AI. plate heatsink..
(2). Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum
heat transfer with #6 screws.
(3). Measured at 1MHz and applied reverse voltage of 4.0 VDC.
GBU
Unit: inch (mm)
.880(22.3)
.160(4.1)
.140(3.56)
.040(1.02)
.030(0.75)
.100(2.54)
.080(2.03)
.190(4.83)
.050(1.27)
.860(21.8)
.140(3.5)
.130(3.30)
.030(0.76)
.017(0.45)
.085(2.16)
.065(1.65)
.210(5.33)
.040(1.02)
®
GBU6005 thru GBU610
Pb
GBU6005 thru GBU610
6.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
Pb Free Plating Product
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.05


Similar Part No. - GBU606

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU606 DIODES-GBU606 Datasheet
53Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. D-2
logo
SeCoS Halbleitertechnol...
GBU606 SECOS-GBU606 Datasheet
278Kb / 2P
   6.0Amp Glass Passivated Bridge Rectifiers
GBU606 SECOS-GBU606 Datasheet
963Kb / 2P
   Voltage 50V ~ 1000V 6.0Amp Glass Passivited Bridge Rectifiers
logo
Bruckewell Technology L...
GBU606 BWTECH-GBU606 Datasheet
285Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBU606 TSC-GBU606 Datasheet
59Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - GBU606

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
GBJ25005 THINKISEMI-GBJ25005 Datasheet
422Kb / 2P
   25.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
GBJ5006 THINKISEMI-GBJ5006 Datasheet
443Kb / 2P
   50.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
GBJ15005 THINKISEMI-GBJ15005 Datasheet
672Kb / 2P
   15.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
GBJ3506 THINKISEMI-GBJ3506 Datasheet
437Kb / 2P
   35.0 AMPERE GLASS PASSIVATED FLAT BRIDGE RECTIFIERS
GBU10005 THINKISEMI-GBU10005 Datasheet
890Kb / 2P
   6.0 AMPERE GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
GBJ6A SECOS-GBJ6A Datasheet
258Kb / 2P
   6.0 AMP Glass Passivated Bridge Rectifiers
logo
Fairchild Semiconductor
GBU6A FAIRCHILD-GBU6A Datasheet
858Kb / 3P
   6.0 Ampere Bridge Rectifiers
2W005G FAIRCHILD-2W005G Datasheet
30Kb / 3P
   2.0 Ampere Glass Passivated Bridge Rectifiers
W005G FAIRCHILD-W005G Datasheet
163Kb / 3P
   1.5 Ampere Glass Passivated Bridge Rectifiers
MB1S FAIRCHILD-MB1S Datasheet
140Kb / 3P
   0.5 Ampere Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com