Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR14E-W2F-830 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LR14E-W2F-830
Description  LINEARlight ECO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR14E-W2F-830 Datasheet(HTML) 2 Page - OSRAM GmbH

  LR14E-W2F-830 Datasheet HTML 1Page - OSRAM GmbH LR14E-W2F-830 Datasheet HTML 2Page - OSRAM GmbH LR14E-W2F-830 Datasheet HTML 3Page - OSRAM GmbH LR14E-W2F-830 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LINEARlight ECO LR14E – 10.04.2012
Seite 2 von 4
www.osram.de/LED-Systeme
25
23 … 25
-30 … 90
-30 ... 65
LR14E-W2F-840
25
23 … 25
-30 … 90
-30 … 65
LR14E-W2F-830
Reverse Voltage
[V dc]*
Voltage Range
[V dc]*
Storage Temperature
[C°]*
Operating Temperature
at Tc-Point [C°]*
Product
Minimum and Maximum Ratings
*) Exceeding maximum ratings for operating and storage temperature will reduce expected life time or destroy the LED Module.
Exceeding maximum ratings for operating current will cause hazardous overload and will likely destroy the LED Module.
The temperature of the LED module must be measured at the Tc-point according to EN60598-1 in a thermally constant status with a
temperature sensor or a temperature sensitive label. For exact location of the Tc-point see drawing below.
Drawing
2240 - 4480 mm
1600 - 3200 lm
8 - 16 Module
OT75 (E)
200-240/24
2240 - 4480 mm
1600 - 3200 lm
8 - 16 Module
OTi Dali 75
220-240/24
Length
Luminous flux
2,3 W
Power
700
lm/m
2240 - 4760 mm
1600 - 3400 lm
1120 - 1960 mm
800 - 1400 lm
280 - 840 mm
200 - 600 lm
8 - 17 Module
4 - 7 Module
1 - 3 Module
LINEARlight
ECO
OT50*
200-240/24
OT20 (S)
200-240/24
OT8
200-240/24
LED Module
2240 - 4480 mm
1600 - 3200 lm
8 - 16 Module
OT75 (E)
200-240/24
2240 - 4480 mm
1600 - 3200 lm
8 - 16 Module
OTi Dali 75
220-240/24
Length
Luminous flux
2,3 W
Power
700
lm/m
2240 - 4760 mm
1600 - 3400 lm
1120 - 1960 mm
800 - 1400 lm
280 - 840 mm
200 - 600 lm
8 - 17 Module
4 - 7 Module
1 - 3 Module
LINEARlight
ECO
OT50*
200-240/24
OT20 (S)
200-240/24
OT8
200-240/24
LED Module
System recommendation OPTOTRONIC
15 Module
OTi DALI DIM LI
3x15 Module
OT DMX
3x2.5A DIM
3x14 Module
OT DMX 9x2A
DIM SO
2,3 W
Power
700
lm/m
15 Module
15 Module
LINEARlight
ECO
OTi DALI DIM
OT DIM
LED Module
15 Module
OTi DALI DIM LI
3x15 Module
OT DMX
3x2.5A DIM
3x14 Module
OT DMX 9x2A
DIM SO
2,3 W
Power
700
lm/m
15 Module
15 Module
LINEARlight
ECO
OTi DALI DIM
OT DIM
LED Module
System recommendation Light Management Systems
* Under preparation
Driver
Tc
D
R
l
2
l
3
1,4+0,2 mm
R
60 mm
l
3
3.2 mm
D
160 mm
l
2
20 mm
l
1
2 mm
h
20 mm
b
280 mm
l


Similar Part No. - LR14E-W2F-830

ManufacturerPart #DatasheetDescription
logo
Energizer
LR14 ENERGIZER-LR14 Datasheet
2Mb / 1P
   Zinc-manganese Dioxide No added mercury or cadmium
logo
Seoul Semiconductor
LR140Z SEOUL-LR140Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LR141 SEOUL-LR141 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LR141 SEOUL-LR141 Datasheet
360Kb / 13P
   CYAN LAMP LED
LR141 SEOUL-LR141 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LR14E-W2F-830

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LF05E2 OSRAM-LF05E2 Datasheet
482Kb / 6P
   LINEARLIGHT FLEX ECO
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
   LINEARlight Flex
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
   LINEARlight Flex
LR21P OSRAM-LR21P Datasheet
195Kb / 4P
   LINEARlight POWER
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
   LINEARlight Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
   LINEARLIGHT POWER FLEX
logo
List of Unclassifed Man...
70218 ETC2-70218 Datasheet
339Kb / 4P
   LINEARlight Colorpod XB
logo
OSRAM GmbH
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
   LINEARlight Colormix Flex
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
   LINEARlight POWER Flex
LR18CP OSRAM-LR18CP Datasheet
149Kb / 4P
   LINEARlight Colormix Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com