Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8310N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8310N
Description  Octal Latched Peripheral Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8310N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP8310N Datasheet HTML 1Page - National Semiconductor (TI) DP8310N Datasheet HTML 2Page - National Semiconductor (TI) DP8310N Datasheet HTML 3Page - National Semiconductor (TI) DP8310N Datasheet HTML 4Page - National Semiconductor (TI) DP8310N Datasheet HTML 5Page - National Semiconductor (TI) DP8310N Datasheet HTML 6Page - National Semiconductor (TI) DP8310N Datasheet HTML 7Page - National Semiconductor (TI) DP8310N Datasheet HTML 8Page - National Semiconductor (TI) DP8310N Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
7.0V
Input Voltage
35V
Output Voltage
35V
Maximum Power Dissipation* at T
A = 25˚C
DP8310/DP8311
2005 mW
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 4 sec.)
260˚C
Note: *Derate N20A package 15.4 mW/˚C above TA = 25˚C, θJA = 65˚C/W.
Operating Conditions
Min
Max
Units
Supply Voltage (V
CC)
4.5
5.5
V
Temperature
DP8310/DP8311
0
+70
˚C
Input Voltage
30
V
Output Voltage
30
V
DC Electrical Characteristics
DP8310 and DP8311 (Notes 2, 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IH
Logical “1” Input Voltage
2.0
V
V
IL
Logical “0” Input Voltage
0.8
V
V
OL
Logical “0” Output Voltage
Data outputs latched to
logical “0”, V
CC = Min.
DP8310/DP8311
I
OL = 100 mA
0.35
0.5
V
I
OH
Logical “1” Output Current
Data outputs latched to
logical “1”, V
CC = Min.
DP8310/DP8311
V
OH = 30V
2.5
250
µA
I
IH
Logical “1” Input Current
V
IH = 2.7V, VCC = Max
0.1
25
µA
I
I
Input Current at Maximum Input
Voltage
V
IN = 30V, VCC = Max
1
250
µA
I
IL
Logical “0” Input Current
V
IN = 0.4V, VCC = Max
−215
−300
µA
V
clamp
Input Clamp Voltage
I
IN = 12 mA
−0.8
−1.5
V
I
CC0
Supply Current, Outputs On
Data outputs latched to a
logical “0”. All Inputs are
at logical “1”, V
CC = Max.
DP8310
100
152
mA
DP8311
88
125
mA
I
CC1
Supply Current, Outputs Off
Data outputs latched to a
logic “1”. Other
conditions same as I
CC0.
DP8310
40
57
mA
DP8311
25
36
mA
AC Electrical Characteristics
DP8310 only: V
CC = 4.5V, TA = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
pd0
High to Low Propagation Delay
Write Enable Input to Output
(Figure 1 )
40
120
ns
t
pd1
Low to High Propagation Delay
Write Enable Input to Output
(Figure 1 )
70
150
ns
t
SETUP
Minimum Set-Up Time
Data in to Write Enable Input
t
HOLD = 0ns
(Figure 1)
45
20
ns
t
pWH,tpWL
Minimum Write Enable Pulse Width
(Figure 1 )
60
25
ns
t
THL
High to Low Output Transition Time
(Figure 1 )
16
35
ns
t
TLH
Low to High Output Transition Time
(Figure 1 )
38
70
ns
C
IN
“N” Package (Note 4)
5
15
pF
www.national.com
2


Similar Part No. - DP8310N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8310N NSC-DP8310N Datasheet
170Kb / 10P
   DP7310/DP8310/DP7311/DP8311 Octal Latched Peripheral Drivers
More results

Similar Description - DP8310N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP7310 NSC-DP7310 Datasheet
170Kb / 10P
   DP7310/DP8310/DP7311/DP8311 Octal Latched Peripheral Drivers
logo
Texas Instruments
SN75436 TI-SN75436 Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com