Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12CWQ06FN Datasheet(PDF) 2 Page - International Rectifier

Part # 12CWQ06FN
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

12CWQ06FN Datasheet(HTML) 2 Page - International Rectifier

  12CWQ06FN Datasheet HTML 1Page - International Rectifier 12CWQ06FN Datasheet HTML 2Page - International Rectifier 12CWQ06FN Datasheet HTML 3Page - International Rectifier 12CWQ06FN Datasheet HTML 4Page - International Rectifier 12CWQ06FN Datasheet HTML 5Page - International Rectifier 12CWQ06FN Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
12CWQ06FN
2
Bulletin PD-20547 rev. F 05/02
www.irf.com
V
FM
Max. Forward Voltage Drop
0.61
V
@ 6A
(Per Leg) * See Fig. 1
(1)
0.79
V
@ 12A
0.57
V
@ 6A
0.72
V
@ 12A
I
RM
Max. Reverse Leakage Current
3
mA
T
J = 25 °C
(Per Leg) * See Fig. 2
(1)
35
mA
T
J = 125 °C
V
F(TO) Threshold Voltage
0.36
V
T
J = TJ max.
r
t
Forward Slope Resistance
24.14
m
CT
Typ. Junction Capacitance (Per Leg)
360
pF
V
R = 5VDC, (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
5.0
nH
Measured lead to lead 5mm from package body
TJ
Max. Junction Temperature Range (*)
- 55 to 150
°C
Tstg
Max. Storage Temperature Range
- 55 to 150
°C
R
thJC Max. Thermal Resistance (Per Leg)
3.0
°C/W DCoperation
* See Fig. 4
Junction to Case
(PerDevice)
1.5
wt
Approximate Weight
0.3(0.01) g(oz.)
CaseStyle
D-Pak
Similar to TO-252AA
Thermal-Mechanical Specifications
T
J =
25 °C
T
J = 125 °C
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
V
R = rated VR
Part number
12CWQ06FN
V
R
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
60
Parameters
12CWQ... Units
Conditions
Parameters
12CWQ... Units
Conditions
I
F(AV) Max.AverageForward (Per Leg)
6
A
50% duty cycle @ T
C = 131°C, rectangular wave form
Current * See Fig. 5
(PerDevice)
12
I
FSM
Max.PeakOneCycleNon-Repetitive
320
5µs Sine or 3µs Rect. pulse
Surge Current * See Fig. 7
105
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repet.Avalan.Energy(PerLeg)
7
mJ
T
J = 25 °C, IAS = 1.2 Amps, L = 10 mH
I
AR
RepetitiveAvalancheCurrent
0.8
A
Currentdecayinglinearlytozeroin1µsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM applied
A
Parameters
12CWQ... Units
Conditions
<
thermal runaway condition for a diode on its own heatsink
(*) dPtot
1
dTj
Rth( j-a)


Similar Part No. - 12CWQ06FN

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
12CWQ06FN SMC-12CWQ06FN Datasheet
168Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
12CWQ06FN SMCDIODE-12CWQ06FN Datasheet
314Kb / 4P
   12CWQ06FN SCHOTTKY RECTIFIER
Rev. A
logo
Inchange Semiconductor ...
12CWQ06FN ISC-12CWQ06FN Datasheet
277Kb / 2P
   Schottky Rectifier
logo
International Rectifier
12CWQ06FNPBF IRF-12CWQ06FNPBF Datasheet
196Kb / 8P
   SCHOTTKY RECTIFIER 12 Amp
logo
Vishay Siliconix
12CWQ06FNPBF VISHAY-12CWQ06FNPBF Datasheet
141Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
More results

Similar Description - 12CWQ06FN

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com