Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11DQ10TR Datasheet(PDF) 2 Page - International Rectifier

Part # 11DQ10TR
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

11DQ10TR Datasheet(HTML) 2 Page - International Rectifier

  11DQ10TR Datasheet HTML 1Page - International Rectifier 11DQ10TR Datasheet HTML 2Page - International Rectifier 11DQ10TR Datasheet HTML 3Page - International Rectifier 11DQ10TR Datasheet HTML 4Page - International Rectifier 11DQ10TR Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
11DQ09, 11DQ10
Bulletin PD-2.289 rev. F 06/03
2
www.irf.com
Part number
11DQ09
11DQ10
V
R
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
90
100
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Parameters
11DQ.. Units
Conditions
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
T
J
Max. Junction Temperature Range (*) -40 to 150
°C
T
stg
Max. Storage Temperature Range
-40 to 150
°C
R
thJA Max. Thermal Resistance Junction
100
°C/W DC operation
to Ambient
Without cooling fin
R
thJL Typical Thermal Resistance Junction
81
°C/W DC operation (See Fig. 4)
to Lead
wt
Approximate Weight
0.33(0.012) g (oz.)
Case Style
DO-204AL(DO-41)
Thermal-Mechanical Specifications
Parameters
11DQ.. Units
Conditions
I
F(AV) Max. Average Forward Current
1.1
A
50% duty cycle @ T
C = 75°C, rectangular wave form
* See Fig. 4
I
FSM
Max.PeakOneCycleNon-Repetitive
85
5µs Sine or 3µs Rect. pulse
Surge Current * See Fig. 6
14
10ms Sine or 6ms Rect. pulse
EAS Non-Repetitive Avalanche Energy
1.0
mJ
TJ = 25 °C, IAS = 0.5 Amps, L = 8 mH
I
AR
Repetitive Avalanche Current
0.5
A
Current decaying linearly to zero in 1 µsec
Frequency limited by T
J max. VA = 1.5 x VR typical
Absolute Maximum Ratings
Following any rated
load condition and with
rated VRRM applied
A
Parameters
11DQ..
Units
Conditions
<
thermal runaway condition for a diode on its own heatsink
(*) dPtot
1
dTj
Rth( j-a)
V
FM
Max. Forward Voltage Drop
0.85
V
@ 1A
* See Fig. 1
(1)
0.96
V
@ 2A
0.68
V
@ 1A
0.78
V
@ 2A
I
RM
Max. Reverse Leakage Current
0.5
mA
T
J =
25 °C
* See Fig. 2
(1)
1.0
mA
TJ = 125 °C
CT
Typical Junction Capacitance
35
pF
VR = 5VDC (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance
8.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/µs
(Rated VR)


Similar Part No. - 11DQ10TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
11DQ10TR VISHAY-11DQ10TR Datasheet
79Kb / 5P
   Schottky Rectifier, 1.1 A
Revision: 06-Nov-08
11DQ10TR VISHAY-11DQ10TR Datasheet
113Kb / 6P
   Schottky Rectifier, 1.1 A
Revision: 21-Sep-11
11DQ10TR-M3 VISHAY-11DQ10TR-M3 Datasheet
113Kb / 6P
   Schottky Rectifier, 1.1 A
Revision: 21-Sep-11
More results

Similar Description - 11DQ10TR

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com