Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15ETL06 Datasheet(PDF) 1 Page - International Rectifier

Part # 15ETL06
Description  Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

15ETL06 Datasheet(HTML) 1 Page - International Rectifier

  15ETL06 Datasheet HTML 1Page - International Rectifier 15ETL06 Datasheet HTML 2Page - International Rectifier 15ETL06 Datasheet HTML 3Page - International Rectifier 15ETL06 Datasheet HTML 4Page - International Rectifier 15ETL06 Datasheet HTML 5Page - International Rectifier 15ETL06 Datasheet HTML 6Page - International Rectifier 15ETL06 Datasheet HTML 7Page - International Rectifier 15ETL06 Datasheet HTML 8Page - International Rectifier 15ETL06 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Bulletin PD-20695 rev. B 02/04
Description
Ultra-low V
F Hyperfast Rectifier for Discontinuous Mode PFC
State of the art, ultra-low VF, soft-switching Hyperfast Rectifiers optimized for Discontinuous (Critical) Mode (DCM)
Power Factor Correction (PFC).
The minimised conduction loss, optimized stored charge and low recovery current minimize the switching losses and
reduce over dissipation in the switching element and snubbers.
The device is also intended for use as a free wheeling diode in power supplies and other power switching
applications.
Applications
AC-DC SMPS 70W-400W
e.g. Laptop & Printer AC Adaptors, Desktop PC, TV & Monitor, Games units and DVD AC-DC power supplies.
VF = 0.99V typ.
IF(AV) = 15Amp
VR = 600V
15ETL06
15ETL06S
15ETL06-1
15ETL06FP
• Benchmark Ultra-low Forward Voltage Drop
• Hyperfast Recovery Time
• Low Leakage Current
• 175°C Operating Junction Temperature
• Fully Isolated package (V
INS = 2500 VRMS)
• UL E78996 approved
Features
1
15ETL06
TO-220AC
Case Styles
15ETL06S
D2PAK
15ETL06-1
TO-262
Anode
1
3
Base
Cathode
2
N/C
Anode
1
3
Cathode
Base
Cathode
2
Anode
1
3
2
N/C
15ETL06FP
TO-220 FULLPACK
Anode
1
3
Cathode
www.irf.com
Absolute Maximum Ratings
VRRM
Peak Repetitive Reverse Voltage
600
V
IF(AV)
AverageRectifiedForwardCurrent @ TC = 154°C
15
A
@ TC = 120°C (FULLPACK)
IFSM
Non Repetitive Peak Surge Current @ TJ = 25°C
250
IFM
Peak Repetitive Forward Current
30
TJ, TSTG
Operating Junction and Storage Temperatures
- 65 to 175
°C
Parameters
Max
Units


Similar Part No. - 15ETL06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15ETL06 IRF-15ETL06 Datasheet
236Kb / 8P
   Ultra-low V Hyperfast Rectifier for Discontinuous Mode PFC
logo
Vishay Siliconix
15ETL06 VISHAY-15ETL06 Datasheet
116Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED PtTM
Revision: 20-Jun-08
logo
International Rectifier
15ETL06 IRF-15ETL06 Datasheet
383Kb / 11P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
logo
Inchange Semiconductor ...
15ETL06 ISC-15ETL06 Datasheet
264Kb / 2P
   Hyperfast Rectifier
logo
Vishay Siliconix
15ETL06-1 VISHAY-15ETL06-1 Datasheet
132Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 15 A FRED PtTM
Revision: 08-Sep-08
More results

Similar Description - 15ETL06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8ETL06SPBF IRF-8ETL06SPBF Datasheet
289Kb / 8P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
8ETL06 IRF-8ETL06 Datasheet
205Kb / 9P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
15ETL06 IRF-15ETL06_06 Datasheet
383Kb / 11P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
8ETL06PBF IRF-8ETL06PBF Datasheet
236Kb / 8P
   Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
15ETL06PBF IRF-15ETL06PBF Datasheet
236Kb / 8P
   Ultra-low V Hyperfast Rectifier for Discontinuous Mode PFC
logo
Vishay Siliconix
VS-8ETL06SHM3 VISHAY-VS-8ETL06SHM3 Datasheet
163Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, FRED
Revision: 04-Apr-18
8ETL06PBF VISHAY-8ETL06PBF Datasheet
123Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Revision: 08-Apr-08
8ETL06S VISHAY-8ETL06S Datasheet
125Kb / 7P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED PtTM
Revision: 08-Sep-08
8ETL06PBF VISHAY-8ETL06PBF_11 Datasheet
189Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 28-Apr-11
VS-8ETL06PBF VISHAY-VS-8ETL06PBF Datasheet
199Kb / 9P
   Ultralow VF Hyperfast Rectifier for Discontinuous Mode PFC, 8 A FRED Pt
Revision: 02-Jan-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com