Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15MQ040N Datasheet(PDF) 1 Page - International Rectifier

Part # 15MQ040N
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

15MQ040N Datasheet(HTML) 1 Page - International Rectifier

  15MQ040N Datasheet HTML 1Page - International Rectifier 15MQ040N Datasheet HTML 2Page - International Rectifier 15MQ040N Datasheet HTML 3Page - International Rectifier 15MQ040N Datasheet HTML 4Page - International Rectifier 15MQ040N Datasheet HTML 5Page - International Rectifier 15MQ040N Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCHOTTKY RECTIFIER
3 Amp
15MQ040N
Bulletin PD-20517 rev. H 0
7/04
1
www.irf.com
Major Ratings and Characteristics
I
F
DC
3
A
V
RRM
40
V
I
FSM @ tp = 5 µs sine
330
A
V
F
@ 2Apk, T
J=125°C
0.43
V
T
J
range
- 40 to 150
°C
Characteristics
15MQ040N Units
Description/ Features
The 15MQ040N Schottky rectifier is designed to be used for
low-power applications where a reverse voltage of 40 volts is
ancountered and surface mountable is required.
Applications
Switching power supplies
Meter protection
Reverse protection for power input to PC board circuits
Battery isolation and charging
Low threshold voltage diode
Free-wheeling or by-pass diode
Low voltage clamp
Features
Surface mountable
Extremely low forward voltage
Improved reverse blocking voltage capability relative
to other similar size Schottky
Compact size
Case Styles
15MQ040N
SMA
IF(AV) = 3 Amp
VR = 40V


Similar Part No. - 15MQ040N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15MQ040N IRF-15MQ040N Datasheet
131Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
15MQ040N VISHAY-15MQ040N Datasheet
99Kb / 5P
   Schottky Rectifier, 3 A
Revision: 11-Jun-08
logo
Shenzhen Taychipst Elec...
15MQ040N TAYCHIPST-15MQ040N Datasheet
1Mb / 2P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
15MQ040N SMC-15MQ040N Datasheet
171Kb / 6P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
15MQ040N SMCDIODE-15MQ040N Datasheet
263Kb / 4P
   15MQ040N SCHOTTKY RECTIFIER
Rev. B
More results

Similar Description - 15MQ040N

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com