Electronic Components Datasheet Search |
|
SN54CBT16212A Datasheet(PDF) 5 Page - Texas Instruments |
|
SN54CBT16212A Datasheet(HTML) 5 Page - Texas Instruments |
5 / 17 page SN54CBT16212A, SN74CBT16212A 24BIT FET BUSEXCHANGE SWITCHES SCDS007U − NOVEMBER 1992 − REVISED JUNE 2005 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1) SN54CBT16212A SN74CBT16212A PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 4 V VCC = 5 V ± 0.5 V VCC = 4 V VCC = 5 V ± 0.5 V UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX tpd† A or B B or A 0.8* 0.35 0.25 ns tpd S A or B 14 1.5 13 10 1.5 9.1 ns ten S A or B 15 1.5 13.7 10.4 1.5 9.7 ns tdis S A or B 14.2 1.5 13.5 9.2 1.5 8.8 ns * On products compliant to MIL-PRF-38535, this parameter is not production tested. † The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance). PARAMETER MEASUREMENT INFORMATION VOH VOL From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 7 V Open GND 500 Ω 500 Ω tPLH tPHL Output Control Output Waveform 1 S1 at 7 V (see Note B) Output Waveform 2 S1 at Open (see Note B) tPZL tPZH tPLZ tPHZ 3 V 0 V VOH VOL 0 V VOL + 0.3 V VOH − 0.3 V 0 V Input 3 V 3.5 V VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES Output tpd tPLZ/tPZL tPHZ/tPZH Open 7 V Open TEST S1 NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. D. The outputs are measured one at a time, with one transition per measurement. E. tPLZ and tPHZ are the same as tdis. F. tPZL and tPZH are the same as ten. G. tPLH and tPHL are the same as tpd. H. All parameters and waveforms are not applicable to all devices. 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V Figure 1. Load Circuit and Voltage Waveforms |
Similar Part No. - SN54CBT16212A |
|
Similar Description - SN54CBT16212A |