Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4078BEE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD4078BEE4
Description  CMOS 8-Input NOR/OR Gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4078BEE4 Datasheet(HTML) 5 Page - Texas Instruments

  CD4078BEE4 Datasheet HTML 1Page - Texas Instruments CD4078BEE4 Datasheet HTML 2Page - Texas Instruments CD4078BEE4 Datasheet HTML 3Page - Texas Instruments CD4078BEE4 Datasheet HTML 4Page - Texas Instruments CD4078BEE4 Datasheet HTML 5Page - Texas Instruments CD4078BEE4 Datasheet HTML 6Page - Texas Instruments CD4078BEE4 Datasheet HTML 7Page - Texas Instruments CD4078BEE4 Datasheet HTML 8Page - Texas Instruments CD4078BEE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 2
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF CD4078B, CD4078B-MIL :
Catalog: CD4078B
Military: CD4078B-MIL


Similar Part No. - CD4078BEE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4078BEE4 TI-CD4078BEE4 Datasheet
927Kb / 16P
[Old version datasheet]   CMOS 8-input NOR/OR Gate
More results

Similar Description - CD4078BEE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4078B TI-CD4078B_12 Datasheet
917Kb / 16P
[Old version datasheet]   CMOS 8-INPUT NOR/OR GATE
CD4078B TI-CD4078B Datasheet
187Kb / 4P
[Old version datasheet]   CMOS 8-INPUT NOR/OR GATE
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
[Old version datasheet]   CMOS 8-input NOR/OR Gate
logo
Intersil Corporation
CD4078BMS INTERSIL-CD4078BMS Datasheet
67Kb / 8P
   CMOS 8 Input NOR/OR Gate
December 1992
logo
Texas Instruments
CD4078BE TI1-CD4078BE Datasheet
917Kb / 16P
[Old version datasheet]   CMOS 8-Input NOR/OR Gate
SN74HC4078A TI1-SN74HC4078A Datasheet
80Kb / 4P
[Old version datasheet]   8-INPUT OR/NOR GATE
logo
STMicroelectronics
M54HC4078 STMICROELECTRONICS-M54HC4078 Datasheet
233Kb / 9P
   8 INPUT NOR/OR GATE
logo
Micro Electronics
MMC4078 MICRO-ELECTRONICS-MMC4078 Datasheet
103Kb / 3P
   8-INPUT NOR/OR GATE
logo
STMicroelectronics
M74HC4078 STMICROELECTRONICS-M74HC4078 Datasheet
208Kb / 8P
   8-INPUT NOR/OR GATE
logo
Texas Instruments
SN54HC4078A TI-SN54HC4078A Datasheet
76Kb / 4P
[Old version datasheet]   8-INPUT OR/NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com