Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4099B Datasheet(PDF) 5 Page - Texas Instruments

Part # CD4099B
Description  CMOS 8-Bit Addressable Latch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4099B Datasheet(HTML) 5 Page - Texas Instruments

  CD4099B_15 Datasheet HTML 1Page - Texas Instruments CD4099B_15 Datasheet HTML 2Page - Texas Instruments CD4099B_15 Datasheet HTML 3Page - Texas Instruments CD4099B_15 Datasheet HTML 4Page - Texas Instruments CD4099B_15 Datasheet HTML 5Page - Texas Instruments CD4099B_15 Datasheet HTML 6Page - Texas Instruments CD4099B_15 Datasheet HTML 7Page - Texas Instruments CD4099B_15 Datasheet HTML 8Page - Texas Instruments CD4099B_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Sep-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD4099BE
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD4099BE
CD4099BEE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD4099BE
CD4099BF
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
CD4099BF
CD4099BF3A
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
CD4099BF3A
CD4099BM
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4099BM
CD4099BM96
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4099BM
CD4099BMG4
ACTIVE
SOIC
D
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4099BM
CD4099BNSR
ACTIVE
SO
NS
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4099B
CD4099BPWR
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM099B
JM38510/17601BEA
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
17601BEA
M38510/17601BEA
ACTIVE
CDIP
J
16
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
17601BEA
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.


Similar Part No. - CD4099B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4099B TI-CD4099B_12 Datasheet
969Kb / 17P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
More results

Similar Description - CD4099B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4099BE TI-CD4099BE Datasheet
969Kb / 17P
[Old version datasheet]   CMOS 8-Bit Addressable Latch
CD4724BE TI-CD4724BE Datasheet
437Kb / 10P
[Old version datasheet]   CMOS 8-Bit Addressable Latch
logo
Renesas Technology Corp
CD4099BMS RENESAS-CD4099BMS Datasheet
409Kb / 10P
   CMOS 8-Bit Addressable Latch
December 1992
logo
Intersil Corporation
CD4724BMS INTERSIL-CD4724BMS Datasheet
109Kb / 10P
   CMOS 8-Bit Addressable Latch
December 1992
logo
Texas Instruments
CD4099B TI-CD4099B_12 Datasheet
969Kb / 17P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
CD4724B TI-CD4724B Datasheet
262Kb / 5P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
logo
Intersil Corporation
CD4099BMS INTERSIL-CD4099BMS Datasheet
110Kb / 10P
   CMOS 8-Bit Addressable Latch
December 1992
logo
Texas Instruments
CD4724B TI-CD4724B_13 Datasheet
1,013Kb / 13P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
CD4099B TI-CD4099B Datasheet
237Kb / 5P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com