Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4069UBMG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD4069UBMG4
Description  CMOS Hex Inverter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4069UBMG4 Datasheet(HTML) 5 Page - Texas Instruments

  CD4069UBMG4 Datasheet HTML 1Page - Texas Instruments CD4069UBMG4 Datasheet HTML 2Page - Texas Instruments CD4069UBMG4 Datasheet HTML 3Page - Texas Instruments CD4069UBMG4 Datasheet HTML 4Page - Texas Instruments CD4069UBMG4 Datasheet HTML 5Page - Texas Instruments CD4069UBMG4 Datasheet HTML 6Page - Texas Instruments CD4069UBMG4 Datasheet HTML 7Page - Texas Instruments CD4069UBMG4 Datasheet HTML 8Page - Texas Instruments CD4069UBMG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
CD4069UB
www.ti.com
SCHS054D – NOVEMBER 1998 – REVISED FEBRUARY 2016
Product Folder Links: CD4069UB
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
6.5 Electrical Characteristics – Dynamic
TA = 25°C; input tr, tf = 20 ns; CL = 50 pF; RL = 200 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
VDD (V) = 5
55
110
ns
VDD (V) = 10
30
60
VDD (V) = 15
25
50
tTHL, tTLH
Transition time
VDD (V) = 5
100
200
ns
VDD (V) = 10
50
100
VDD (V) = 15
40
80
CIN
Input capacitance
Any input
10
15
pF
6.6 Electrical Characteristics – Static
TA = 25°C; input tr, tf = 20 ns; CL = 50 pF; RL = 200 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDDmax
Quiescent device current
VIN = 0V or 5 V , VDD = 5 V
TA = –55°C
0.25
µA
TA = –40°C
0.25
TA = 25°C
0.01
0.25
TA = 85°C
7.5
TA = 125°C
7.5
VIN = 0 or 10 V, VDD = 10 V
TA = –55°C
0.5
TA = –40°C
0.5
TA = 25°C
0.01
0.5
TA = 85°C
15
TA = 125°C
15
VIN = 0 or 15 V, VDD = 15 V
TA = –55°C
1
TA = –40°C
1
TA = 25°C
0.01
1
TA = 85°C
30
TA = 125°C
30
VIN = 0 or 20 V, VDD = 20 V
TA = –55°C
5
TA = –40°C
5
TA = 25°C
0.02
5
TA = 85°C
150
TA = 125°C
150
IOLmin
Output low (sink) current
VO = 0.4 V, VIN = 5 V,
VDD = 5 V
TA = –55°C
0.64
mA
TA = –40°C
0.61
TA = 25°C
0.51
1
TA = 85°C
0.42
TA = 125°C
0.36
VO = 0.5 V, VIN = 10 V,
VDD = 10 V
TA = –55°C
1.6
TA = –40°C
1.5
TA = 25°C
1.3
2.6
TA = 85°C
1.1
TA = 125°C
0.9
VO = 1.5 V, VIN = 15 V,
VDD = 15 V
TA = –55°C
4.2
TA = –40°C
4
TA = 25°C
3.4
6.8
TA = 85°C
2.8
TA = 125°C
2.4


Similar Part No. - CD4069UBMG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4069UBMG4 TI-CD4069UBMG4 Datasheet
940Kb / 16P
[Old version datasheet]   CMOS Hex Inverter
More results

Similar Description - CD4069UBMG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4069UBF TI-CD4069UBF Datasheet
940Kb / 16P
[Old version datasheet]   CMOS Hex Inverter
logo
Renesas Technology Corp
CD4069UBMS RENESAS-CD4069UBMS Datasheet
411Kb / 8P
   CMOS Hex Inverter
December 1992
logo
Intersil Corporation
CD4069UBMS INTERSIL-CD4069UBMS Datasheet
94Kb / 8P
   CMOS Hex Inverter
December 1992
logo
Integrated Device Techn...
IDT74ALVC04 IDT-IDT74ALVC04 Datasheet
54Kb / 5P
   3.3V CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
Intersil Corporation
CD4502BMS INTERSIL-CD4502BMS Datasheet
81Kb / 8P
   CMOS Strobed Hex Inverter/Buffer
December 1992
logo
Texas Instruments
CD4502B TI-CD4502B Datasheet
506Kb / 10P
[Old version datasheet]   CMOS Strobed Hex Inverter/Buffer
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com