Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT162501CTPACT Datasheet(PDF) 3 Page - Texas Instruments

Part # 74FCT162501CTPACT
Description  18-Bit Registered Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT162501CTPACT Datasheet(HTML) 3 Page - Texas Instruments

  74FCT162501CTPACT Datasheet HTML 1Page - Texas Instruments 74FCT162501CTPACT Datasheet HTML 2Page - Texas Instruments 74FCT162501CTPACT Datasheet HTML 3Page - Texas Instruments 74FCT162501CTPACT Datasheet HTML 4Page - Texas Instruments 74FCT162501CTPACT Datasheet HTML 5Page - Texas Instruments 74FCT162501CTPACT Datasheet HTML 6Page - Texas Instruments 74FCT162501CTPACT Datasheet HTML 7Page - Texas Instruments 74FCT162501CTPACT Datasheet HTML 8Page - Texas Instruments 74FCT162501CTPACT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CY74FCT16501T
CY74FCT162501T
CY74FCT162H501T
3
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.[8]
Max.
Unit
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VH
Input Hysteresis[9]
100
mV
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=−18 mA
−0.7
−1.2
V
IIH
Input HIGH Current
Standard
VCC=Max., VI=VCC
±1
µA
Bus Hold
±100
IIL
Input LOW Current
Standard
VCC=Max., VI=GND
±1
µA
Bus Hold
±100
µA
IBBH
IBBL
Bus Hold Sustain Current on Bus Hold Input[10]
VCC=Min.,
VI=2.0V
−50
µA
VI=0.8V
+50
µA
IBHHO
IBHLO
Bus Hold Overdrive Current on Bus Hold In-
put[10]
VCC=Max., VI=1.5V
TBD
mA
IOZH
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=2.7V
±1
µA
IOZL
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=0.5V
±1
µA
IOS
Short Circuit Current[11]
VCC=Max., VOUT=GND
−80
−140
−200
mA
IO
Output Drive Current[11]
VCC=Max., VOUT=2.5V
−50
−180
mA
IOFF
Power-Off Disable
VCC=0V, VOUT≤4.5V
[12]
±1
µA
Output Drive Characteristics for CY74FCT16501T
Parameter
Description
Test Conditions
Min.
Typ.[8]
Max.
Unit
VOH
Output HIGH Voltage
VCC=Min., IOH=−3 mA
2.5
3.5
V
VCC=Min., IOH=−15 mA
2.4
3.5
VCC=Min., IOH=−32 mA
2.0
3.0
VOL
Output LOW Voltage
VCC=Min., IOL=64 mA
0.2
0.55
V
Output Drive Characteristics for CY74FCT162501T, CY74FCT162H501T
Parameter
Description
Test Conditions
Min.
Typ.[8]
Max.
Unit
IODL
Output LOW Current[11]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
60
115
150
mA
IODH
Output HIGH Current[11]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
−60
−115
−150
mA
VOH
Output HIGH Voltage
VCC=Min., IOH=−24 mA
2.4
3.3
V
VOL
Output LOW Voltage
VCC=Min., IOL=24 mA
0.3
0.55
V
Notes:
8.
Typical values are at VCC= 5.0V, TA= +25˚C ambient.
9.
This parameter is specified but not tested.
10. Pins with bus hold are described in Pin Description.
11. Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or sample
and hold techniques are preferable in order to minimize internal chip heating and more accurately reflect operational values. Otherwise prolonged shorting
of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parametric tests. In any sequence of parameter
tests, IOS tests should be performed last.
12. Tested at +25˚C.


Similar Part No. - 74FCT162501CTPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162501CTPACT TI-74FCT162501CTPACT Datasheet
66Kb / 8P
[Old version datasheet]   18-Bit Registered Transceivers
More results

Similar Description - 74FCT162501CTPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16500T TI-CY74FCT16500T Datasheet
63Kb / 6P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_V01 Datasheet
478Kb / 10P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_08 Datasheet
301Kb / 12P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT163501 TI-CY74FCT163501 Datasheet
67Kb / 9P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16501T TI-CY74FCT16501T Datasheet
66Kb / 8P
[Old version datasheet]   18-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Texas Instruments
74ACT16475 TI1-74ACT16475 Datasheet
152Kb / 8P
[Old version datasheet]   18-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com