Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT162841CTPVCG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74FCT162841CTPVCG4
Description  20-Bit Latches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT162841CTPVCG4 Datasheet(HTML) 3 Page - Texas Instruments

  74FCT162841CTPVCG4 Datasheet HTML 1Page - Texas Instruments 74FCT162841CTPVCG4 Datasheet HTML 2Page - Texas Instruments 74FCT162841CTPVCG4 Datasheet HTML 3Page - Texas Instruments 74FCT162841CTPVCG4 Datasheet HTML 4Page - Texas Instruments 74FCT162841CTPVCG4 Datasheet HTML 5Page - Texas Instruments 74FCT162841CTPVCG4 Datasheet HTML 6Page - Texas Instruments 74FCT162841CTPVCG4 Datasheet HTML 7Page - Texas Instruments 74FCT162841CTPVCG4 Datasheet HTML 8Page - Texas Instruments 74FCT162841CTPVCG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CY74FCT16841T
CY74FCT162841T
3
Output Drive Characteristics for CY74FCT16841T
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
VOH
Output HIGH Voltage
VCC=Min., IOH=−3 mA
2.5
3.5
V
VCC=Min., IOH=−15 mA
2.4
3.5
VCC=Min., IOH=−32 mA
2.0
3.0
VOL
Output LOW Voltage
VCC=Min., IOL=64 mA
0.2
0.55
V
Output Drive Characteristics for CY74FCT162841T
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
IODL
Output LOW Current[7]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
60
115
150
mA
IODH
Output HIGH Current[7]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
−60
−115
−150
mA
VOH
Output HIGH Voltage
VCC=Min., IOH=−24 mA
2.4
3.3
V
VOL
Output LOW Voltage
VCC=Min., IOL=24 mA
0.3
0.55
V
Capacitance[6] (TA =+25˚C, f = 1.0 MHz)
Symbol
Description
Conditions
Typ.[5]
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6.0
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8.0
pF
Power Supply Characteristics
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
ICC
Quiescent Power Supply
Current
VCC=Max.
VIN<0.2V
VIN>VCC-0.2V
5
500
µA
∆I
CC
Quiescent Power Supply
Current (TTL inputs HIGH)
VCC=Max.,
VIN=3.4V
[9]
0.5
1.5
mA
ICCD
Dynamic Power Supply
Current[10]
VCC=Max., One Input
Toggling, 50% Duty
Cycle, Outputs Open,
OE=GND
VIN=VCC or
VIN=GND
60
100
µA/MHz
IC
Total Power Supply Current[11] VCC=Max., f1=10 MHz,
50% Duty Cycle,
Outputs Open, One Bit
Toggling, OE=GND
LE = VCC
VIN=VCC or
VIN=GND
0.6
1.5
mA
VIN=3.4V or
VIN=GND
0.9
2.3
VCC=Max., f1=2.5 MHz,
50% Duty Cycle, Outputs
Open, Twenty Bits
Toggling, OE=GND
LE = VCC
VIN=VCC or
VIN=GND
3.0
5.5[12]
VIN=3.4V or
VIN=GND
8.0
20.5[12]
Notes:
9.
Per TTL driven input (VIN=3.4V); all other inputs at VCC or GND.
10. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
11. IC
=IQUIESCENT + IINPUTS + IDYNAMIC
IC
=ICC+∆ICCDHNT+ICCD(f0/2 + f1N1)
ICC
=
Quiescent Current with CMOS input levels
∆I
CC
=
Power Supply Current for a TTL HIGH input (VIN=3.4V)
DH
=
Duty Cycle for TTL inputs HIGH
NT
=
Number of TTL inputs at DH
ICCD = Dynamic Current caused by an input transition pair (HLH or LHL)
f0
=
Clock frequency for registered devices, otherwise zero
f1
=
Input signal frequency
N1
=
Number of inputs changing at f1
All currents are in milliamps and all frequencies are in megahertz.
12. Values for these conditions are examples of the ICC formula. These limits are specified but not tested.


Similar Part No. - 74FCT162841CTPVCG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162841CTPVCG4 TI-74FCT162841CTPVCG4 Datasheet
60Kb / 6P
[Old version datasheet]   20-Bit Latches
More results

Similar Description - 74FCT162841CTPVCG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16841T TI-CY74FCT16841T Datasheet
60Kb / 6P
[Old version datasheet]   20-Bit Latches
logo
Integrated Device Techn...
IDT74FCT16841AT IDT-IDT74FCT16841AT Datasheet
135Kb / 9P
   FAST CMOS 20-BIT TRANSPARENT LATCHES
logo
NEC
UPB8282 NEC-UPB8282 Datasheet
163Kb / 3P
   8-BIT LATCHES
logo
Texas Instruments
CY5474FCT373T TI-CY5474FCT373T Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
CY74FCT2373T TI1-CY74FCT2373T_16 Datasheet
858Kb / 15P
[Old version datasheet]   8-Bit Latches
CY74FCT16373T TI1-CY74FCT16373T_15 Datasheet
697Kb / 13P
[Old version datasheet]   16-Bit Latches
CY74FCT2373T TI-CY74FCT2373T Datasheet
56Kb / 6P
[Old version datasheet]   8-Bit Latches
CY74FCT16373T TI-CY74FCT16373T Datasheet
61Kb / 7P
[Old version datasheet]   16-Bit Latches
SN54HC259 TI-SN54HC259 Datasheet
134Kb / 9P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN74HC4724 TI-SN74HC4724 Datasheet
126Kb / 5P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com