Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT162H501CTPVC Datasheet(PDF) 5 Page - Texas Instruments

Part # 74FCT162H501CTPVC
Description  18-Bit Registered Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT162H501CTPVC Datasheet(HTML) 5 Page - Texas Instruments

  74FCT162H501CTPVC Datasheet HTML 1Page - Texas Instruments 74FCT162H501CTPVC Datasheet HTML 2Page - Texas Instruments 74FCT162H501CTPVC Datasheet HTML 3Page - Texas Instruments 74FCT162H501CTPVC Datasheet HTML 4Page - Texas Instruments 74FCT162H501CTPVC Datasheet HTML 5Page - Texas Instruments 74FCT162H501CTPVC Datasheet HTML 6Page - Texas Instruments 74FCT162H501CTPVC Datasheet HTML 7Page - Texas Instruments 74FCT162H501CTPVC Datasheet HTML 8Page - Texas Instruments 74FCT162H501CTPVC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CY74FCT16501T
CY74FCT162501T
CY74FCT162H501T
5
Switching Characteristics Over the Operating Range[18]
CY74FCT16501AT
CY74FCT162501AT
CY74FCT162501CT
CY74FCT162H501CT
Fig.
No.[19]
Parameter
Description
Min.
Max.
Min.
Max.
Unit
fMAX
CLKAB or CLKBA
frequency[20]
150
150
MHz
tPLH
tPHL
Propagation Delay
A to B or B to A
1.5
5.1
1.5
4.6
ns
1,3
tPLH
tPHL
Propagation Delay
LEBA to A, LEAB to B
1.5
5.6
1.5
5.3
ns
1,5
tPLH
tPHL
Propagation Delay
CLKBA to A,
CLKAB to B
1.5
5.6
1.5
5.3
ns
1,5
tPZH
tPZL
Output Enable Time
OEBA to A, OEAB to B
1.5
6.0
1.5
5.6
ns
1,7,8
tPHZ
tPLZ
Output Disable Time
OEBA to A, OEAB to B
1.5
5.6
1.5
5.2
ns
1,7,8
tSU
Set-Up Time, HIGH or LOW
A to CLKAB,
B to CLKBA
3.0
3.0
ns
4
tH
Hold Time HIGH or LOW
A to CLKAB,
B to CLKBA
0
0
ns
4
tSU
Set-Up Time, HIGH or LOW
A to LEAB,
B to LEBA
Clock LOW
3.0
3.0
ns
4
Clock HIGH
1.5
1.5
ns
4
tH
Hold Time, HIGH or LOW, A to LEAB,
B to LEBA
1.5
1.5
ns
4
tW
LEAB or LEBA Pulse Width HIGH[20]
3.0
3.0
ns
5
tW
CLKAB or CLKBA Pulse Width HIGH or
LOW[20]
3.0
3.0
ns
5
tSK(O)
Output Skew[21]
0.5
0.5
ns
Notes:
18. Minimum limits are specified, but not tested, on propagation delays.
19. See “Parameter Measurement Information” in the General Information section.
20. This parameter is guaranteed but not tested.
21. Skew between any two outputs of the same package switching in the same direction. This parameter ensured by design.


Similar Part No. - 74FCT162H501CTPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162H501CTPVC TI-74FCT162H501CTPVC Datasheet
66Kb / 8P
[Old version datasheet]   18-Bit Registered Transceivers
74FCT162H501CTPVCT TI-74FCT162H501CTPVCT Datasheet
66Kb / 8P
[Old version datasheet]   18-Bit Registered Transceivers
More results

Similar Description - 74FCT162H501CTPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16500T TI-CY74FCT16500T Datasheet
63Kb / 6P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_V01 Datasheet
478Kb / 10P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_08 Datasheet
301Kb / 12P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT163501 TI-CY74FCT163501 Datasheet
67Kb / 9P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16501T TI-CY74FCT16501T Datasheet
66Kb / 8P
[Old version datasheet]   18-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Texas Instruments
74ACT16475 TI1-74ACT16475 Datasheet
152Kb / 8P
[Old version datasheet]   18-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com