Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT162H952ATPACT Datasheet(PDF) 2 Page - Texas Instruments

Part # 74FCT162H952ATPACT
Description  16-Bit Registered Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT162H952ATPACT Datasheet(HTML) 2 Page - Texas Instruments

  74FCT162H952ATPACT Datasheet HTML 1Page - Texas Instruments 74FCT162H952ATPACT Datasheet HTML 2Page - Texas Instruments 74FCT162H952ATPACT Datasheet HTML 3Page - Texas Instruments 74FCT162H952ATPACT Datasheet HTML 4Page - Texas Instruments 74FCT162H952ATPACT Datasheet HTML 5Page - Texas Instruments 74FCT162H952ATPACT Datasheet HTML 6Page - Texas Instruments 74FCT162H952ATPACT Datasheet HTML 7Page - Texas Instruments 74FCT162H952ATPACT Datasheet HTML 8Page - Texas Instruments 74FCT162H952ATPACT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
CY74FCT16952T
CY74FCT162952T
CY74FCT162H952T
2
Maximum Ratings[5, 6]
(Above which the useful life may be impaired. For user
guidelines, not tested.)
Storage Temperature ................................. –55
°C to +125°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
DC Input Voltage ........................................... –0.5V to +7.0V
DC Output Voltage......................................... –0.5V to +7.0V
DC Output Current
(Maximum Sink Current/Pin) ........................–60 to +120 mA
Power Dissipation .......................................................... 1.0W
Static Discharge Voltage............................................>2001V
(per MIL-STD-883, Method 3015)
Notes:
1.
On the CY74FCT162H952T these pins have bus hold.
2.
A-to-B data flow is shown: B-to-A data flow is similar but uses, CEBA, CLKBA, and OEBA.
3.
H = HIGH Voltage Level.
L = LOW Voltage Level.
X = Don’t Care.
= LOW-to-HIGH Transition.
Z = HIGH Impedance.
4.
Level of B before the indicated steady-state input conditions were established.
5.
Operation beyond the limits set forth may impair the useful life of the device. Unless otherwise noted, these limits are over the operating free-air temperature range.
6.
Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground.
Pin Description
Name
Description
OEAB
A-to-B Output Enable Input (Active LOW)
OEBA
B-to-A Output Enable Input (Active LOW)
CEAB
A-to-B Clock Enable Input (Active LOW)
CEBA
B-to-A Clock Enable Input (Active LOW)
CLKAB
A-to-B Clock Input
CLKBA
B-to-A Clock Input
A
A-to-B Data Inputs or B-to-A Three-State
Outputs[1]
B
B-to-A Data Inputs or A-to-B Three-State
Outputs[1]
Function Table[2, 3]
For A-to-B (Symmetric with B-to-A)
Inputs
Outputs
CEAB
CLKAB
OEAB
A
B
H
X
L
X
B[4]
X
L
L
X
B[4]
L
L
L
L
L
L
H
H
X
X
H
X
Z
Operating Range
Range
Ambient
Temperature
VCC
Industrial
–40
°C to +85°C
5V
± 10%


Similar Part No. - 74FCT162H952ATPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162H952ATPACT TI-74FCT162H952ATPACT Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
More results

Similar Description - 74FCT162H952ATPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI1-CY74FCT163952_05 Datasheet
143Kb / 10P
[Old version datasheet]   16-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com