Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30TPS16 Datasheet(PDF) 1 Page - International Rectifier

Part # 30TPS16
Description  PHASE CONTROL SCR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30TPS16 Datasheet(HTML) 1 Page - International Rectifier

  30TPS16 Datasheet HTML 1Page - International Rectifier 30TPS16 Datasheet HTML 2Page - International Rectifier 30TPS16 Datasheet HTML 3Page - International Rectifier 30TPS16 Datasheet HTML 4Page - International Rectifier 30TPS16 Datasheet HTML 5Page - International Rectifier 30TPS16 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHASE CONTROL SCR
1
Bulletin I2136 04/97
SAFEIR Series
30TPS..
V
T
< 1.3V @ 20A
I
TSM
= 300A
V
RRM 800 to 1600V
Major Ratings and Characteristics
I
T(AV)
Sinusoidal
20
A
waveform
I
RMS
30
A
V
RRM/
V
DRM
up to 1600
V
I
TSM
300
A
V
T
@ 20 A, T
J
= 25°C
1.3
V
dv/dt
500
V/µs
di/dt
150
A/µs
T
J
- 40 to 125
°C
Characteristics
30TPS..
Units
TO-247AC
Description/Features
The 30TPS..
SAFEIR series of silicon controlled
rectifiers are specifically designed for medium
power switching and phase control applications.
The glass passivation technology used has reli-
able operation up to 125°C junction temperature.
Typical applications are in input rectification (soft
start) and these products are designed to be used
with International Rectifier input diodes, switches
and output rectifiers which are available in identi-
cal package outlines.
Package Outline


Similar Part No. - 30TPS16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30TPS16 VISHAY-30TPS16 Datasheet
139Kb / 7P
   Phase Control SCR, 20 A
Revision: 06-Jun-08
30TPS16 VISHAY-30TPS16 Datasheet
144Kb / 7P
   Phase Control SCR, 20 A
Revision: 12-Aug-08
logo
International Rectifier
30TPS16PBF IRF-30TPS16PBF Datasheet
104Kb / 7P
   PHASE CONTROL SCR Lead-Free
logo
Vishay Siliconix
30TPS16PBF VISHAY-30TPS16PBF Datasheet
139Kb / 7P
   Phase Control SCR, 20 A
Revision: 06-Jun-08
More results

Similar Description - 30TPS16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
   Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
   Phase Control SCR
logo
International Rectifier
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
   PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
   Phase Control SCR
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
   PHASE CONTROL SCR
logo
New Jersey Semi-Conduct...
2N3884 NJSEMI-2N3884 Datasheet
427Kb / 4P
   PHASE CONTROL SCR
logo
International Rectifier
12TTS08 IRF-12TTS08 Datasheet
83Kb / 7P
   PHASE CONTROL SCR
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T7H8650A POWEREX-T7H8650A Datasheet
153Kb / 4P
   Phase Control SCR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com