Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902KPWRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2902KPWRG4
Description  Quadruple Operational Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2902KPWRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2902KPWRG4 Datasheet HTML 2Page - Texas Instruments LM2902KPWRG4 Datasheet HTML 3Page - Texas Instruments LM2902KPWRG4 Datasheet HTML 4Page - Texas Instruments LM2902KPWRG4 Datasheet HTML 5Page - Texas Instruments LM2902KPWRG4 Datasheet HTML 6Page - Texas Instruments LM2902KPWRG4 Datasheet HTML 7Page - Texas Instruments LM2902KPWRG4 Datasheet HTML 8Page - Texas Instruments LM2902KPWRG4 Datasheet HTML 9Page - Texas Instruments LM2902KPWRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LM224K, LM224KA, LM324, LM324A, LM324K, LM324KA, LM2902
LM124, LM124A, LM224, LM224A, LM2902V, LM2902K, LM2902KV, LM2902KAV
SLOS066W – SEPTEMBER 1975 – REVISED MARCH 2015
www.ti.com
6.6 Electrical Characteristics for LM2902 and LM2902V
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM2902
LM2902V
PARAMETER
TEST CONDITIONS
(1)
TA
(2)
UNIT
MIN
TYP
(3)
MAX
MIN
TYP
(3)
MAX
25°C
3
7
3
7
Non-A-suffix
VCC = 5 V to MAX,
devices
Full range
10
10
VIO
Input offset voltage
VIC = VICRmin,
mV
25°C
1
2
A-suffix
VO = 1.4 V
devices
Full range
4
ΔVIO/ΔT
Input offset voltage temperature drift
RS = 0 Ω
Ful range
7
μV/°C
25°C
2
50
2
50
IIO
Input offset current
VO = 1.4 V
nA
Full range
300
150
ΔIIO/ΔT
Input offset voltage temperature drift
Ful range
10
pA/°C
25°C
–20
–250
–20
–250
IIB
Input bias current
VO = 1.4 V
nA
Full range
–500
–500
0 to
0 to
25°C
VCC – 1.5
VCC – 1.5
VICR
Common-mode input voltage range
VCC = 5 V to MAX
V
0 to
0 to
Full range
VCC – 2
VCC – 2
RL = 2 kΩ
25°C
RL = 10 kΩ
25°C
VCC – 1.5
VCC – 1.5
VOH
High-level output voltage
V
RL = 2 kΩ
Full range
22
26
VCC = MAX
RL ≥ 10 kΩ
Full range
23
24
27
VOL
Low-level output voltage
RL ≤ 10 kΩ
Full range
5
20
5
20
mV
VCC = 15 V,
25°C
25
100
25
100
Large-signal differential voltage
AVD
VO = 1 V to 11 V,
V/mV
amplification
Full range
15
15
RL ≥ 2 kΩ
CMRR
Common-mode rejection ratio
VIC = VICRmin
25°C
50
80
60
80
dB
Supply-voltage rejection ratio
kSVR
25°C
50
100
60
100
dB
(
ΔVCC /ΔVIO)
VO1/ VO2
Crosstalk attenuation
f = 1 kHz to 20 kHz
25°C
120
120
dB
VCC = 15 V,
25°C
–20
–30
–60
–20
–30
–60
VID = 1 V,
Source
Full range
–10
–10
VO = 0
mA
IO
Output current
VCC = 15 V,
25°C
10
20
10
20
VID = –1 V,
Sink
Full range
5
5
VO = 15 V
VID = –1 V, VO = 200 mV
25°C
30
12
40
μA
IOS
Short-circuit output current
VCC at 5 V, VO = 0, GND at –5 V
25°C
±40
±60
±40
±60
mA
VO = 2.5 V, no load
Full range
0.7
1.2
0.7
1.2
ICC
Supply current (four amplifiers)
mA
VCC = MAX, VO = 0.5 VCC,
Full range
1.4
3
1.4
3
no load
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX
VCC for testing purposes is 26 V for LM2902 and 32 V for LM2902V.
(2)
Full range is –40°C to 125°C for LM2902.
(3)
All typical values are at TA = 25°C.
6.7 Electrical Characteristics for LMx24A and LM324KA
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM124A
LM224A
LM324A, LM324KA
PARAMETER
TEST CONDITIONS
(1)
TA
(2)
UNIT
MIN
TYP
(3)
MAX
MIN
TYP
(3)
MAX
MIN
TYP
(3)
MAX
VCC = 5 V to 30 V,
25°C
2
2
3
2
3
Input offset
VIO
VIC = VICRmin,
mV
voltage
Full range
4
4
5
VO = 1.4 V
25°C
10
2
15
2
30
Input offset
IIO
VO = 1.4 V
nA
current
Full range
30
30
75
25°C
–50
–15
–80
–15
–100
Input bias
IIB
VO = 1.4 V
nA
current
Full range
–100
–100
–200
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified.
(2)
Full range is –55°C to 125°C for LM124A, –25°C to 85°C for LM224A, and 0°C to 70°C for LM324A.
(3)
All typical values are at TA = 25°C.
6
Submit Documentation Feedback
Copyright © 1975–2015, Texas Instruments Incorporated
Product Folder Links: LM224K LM224KA LM324 LM324A LM324K LM324KA LM2902 LM124 LM124A LM224
LM224A LM2902V LM2902K LM2902KV LM2902KAV


Similar Part No. - LM2902KPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2902KPWRG4 TI-LM2902KPWRG4 Datasheet
759Kb / 29P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

Similar Description - LM2902KPWRG4

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com