Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24351 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24351
Description  With Integrated Charging FET and LDO Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24351 Datasheet(HTML) 4 Page - Texas Instruments

  BQ24351 Datasheet HTML 1Page - Texas Instruments BQ24351 Datasheet HTML 2Page - Texas Instruments BQ24351 Datasheet HTML 3Page - Texas Instruments BQ24351 Datasheet HTML 4Page - Texas Instruments BQ24351 Datasheet HTML 5Page - Texas Instruments BQ24351 Datasheet HTML 6Page - Texas Instruments BQ24351 Datasheet HTML 7Page - Texas Instruments BQ24351 Datasheet HTML 8Page - Texas Instruments BQ24351 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
bq24351
SLUSA62A – OCTOBER 2010 – REVISED NOVEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
Refer to the typical application circuit shown in Figure 1 . These specifications apply over ACIN = 5V, TJ = -40 to 125°C,
unless otherwise specified. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ACIN
ACIN: 3V
→ 2V, ACIN falling
1.8
1.95
2.1
VUVLO
Under-voltage lock-out threshold
V
ACIN: 2V
→ 3V, ACIN rising
2.5
tBLK(CHGIN) Input power on blanking time
ACIN rising to CHGIN rising
10
ms
IDD
Operating current
No load on OUT and CHGIN pin
500
mA
INPUT TO OUTPUT CHARACTERISTICS
On resistance from ACIN to OUT
IOUT = 1.0A, ACIN = 5V, GATDRV = 0V
415
685
m
On resistance from ACIN to CHGIN
ICHGIN = 1.0A, ACIN = 5V, IOUT = 0A
250
495
m
INPUT OVER-VOLTAGE PROTECTION (OVP)
ACIN = 7.1V, GATDRV = CHGIN, ICHGIN = 0 to
VOREG
CHGIN voltage in LDO mode
6.25
6.38
6.52
V
1A
VOVP
Input OVP threshold
ACIN rising
10.2
10.5
10.8
V
VHYS-OVP
Input OVP recovery hysteresis
ACIN: 12V
→ 9V
145
160
175
mV
tDGL(OVP)
Input OVP deglitch time
ACIN rising to CHGIN falling
256
mS
tREC(OVP)
Input OVP recovery time
ACIN falling below VOVP to CHGIN rising
8.2
ms
INPUT OVER CURRENT LIMITING AND PROTECTION (OCP)
IO(OCP)
OCP threshold
1.02
1.2
1.38
A
tDGL(OCP)
OCP blanking time
176
µs
tREC(OCP)
OCP recovery time
131
ms
BATTERY OVER-VOLTAGE PROTECTION
BVOVP
Battery OVP threshold
VBAT rising
4.3
4.35
4.4
V
VHYS-BOVP
Battery OVP hysteresis
VBAT falling
200
250
300
mV
VBAT = 4.25V, series connection of a 200-k
IVBAT
VBAT pin leakage current
10
nA
resistor, TJ = 25°C
tDGL(BOVP)
Battery OVP deglitch time
VBAT rising to CHGIN falling
8.2
ms
tREC(BOVP)
Battery OVP recovery time
VBAT falling below BVOVP to CHGIN rising
131
ms
CHGIN
Sleep mode exit threshold and CHGIN turn
VSEXIT
ACIN rising, OUT = 4.2 V
24
90
160
mV
on threshold, ACIN-OUT
Sleep mode entry threshold and CHGIN
VSENTRY
ACIN falling, OUT = 4.2 V
10
55
105
mV
turn off threshold, ACIN-OUT
OUT = 4.2 V, GATDRV = 4.2 V,
IDDSLP
Sleep mode supply current
10
mA
ACIN = VSS
RDIS
CHGIN discharge resistor
500
OUT = 4.2 V, GATDRV = 4.2 V, CHGIN = 0 V,
Leakage current from OUT to CHGIN
1
mA
ACIN = 0 V, TJ = 85°C
INTEGRATED P-FET PARAMETERS
Vt
Threshold voltage, CHGIN-GATDRV
CHGIN = 5V, OUT = 3.6V, IOUT = 10mA
500
680
800
mV
Ig
GATDRV pin leakage current
0.1
1
mA
Ioff
Off state leakage current at OUT pin
ACIN = 5V, GATDRV = CHGIN, OUT = 0V
1
mA
On resistance of P-FET (from CHGIN to
Ronp
IOUT = 1.0A, ACIN = 5V, GATDRV = 0V
165
225
m
OUT)
Gm
Forward transconductance
ACIN = 5V, IOUT = 5mA, GATDRV = 3.5V
27
mA/V
Cg
Input capacitance at the GATDRV pin
CHGIN = GATDRV = 5V
104
pF
THERMAL PROTECTION
TJ(OFF)
Thermal shutdown threshold
Junction temperature rising
140
150
160
°C
TJ(OFF-HYS) Thermal shutdown hysteresis
Junction temperature falling
20
°C
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq24351


Similar Part No. - BQ24351

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24351 TI-BQ24351 Datasheet
1Mb / 18P
[Old version datasheet]   Over-Voltage and Over-Current Charger
More results

Similar Description - BQ24351

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC417 SEMTECH-SC417_09 Datasheet
595Kb / 30P
   10A Integrated FET Regulator with Programmable LDO
SC401B SEMTECH-SC401B Datasheet
1Mb / 32P
   15A Integrated FET Regulator with Programmable LDO
SC417 SEMTECH-SC417 Datasheet
546Kb / 29P
   10A Integrated FET Regulator with Programmable LDO
SC414 SEMTECH-SC414 Datasheet
506Kb / 29P
   6A Integrated FET Regulator with 5V LDO
SC9301 SEMTECH-SC9301 Datasheet
1Mb / 29P
   10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
   10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC403 SEMTECH-SC403 Datasheet
715Kb / 32P
   6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
SC403B SEMTECH-SC403B Datasheet
846Kb / 32P
   6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
logo
SHANGHAI BELLING CO., L...
BL8596 BELLING-BL8596 Datasheet
578Kb / 4P
   LDO mode OVP with Integrated P-MOSFET
logo
Panasonic Battery Group
AN3018XA PANASONICBATTERY-AN3018XA Datasheet
426Kb / 2P
   Multi-Channel DC/DC Step-Down Regulator with Integrated FET and LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com